Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-5046A Datasheet(PDF) 3 Page - Intersil Corporation

Part # HI-5046A
Description  Sample and Hold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-5046A Datasheet(HTML) 3 Page - Intersil Corporation

  HI-5046A Datasheet HTML 1Page - Intersil Corporation HI-5046A Datasheet HTML 2Page - Intersil Corporation HI-5046A Datasheet HTML 3Page - Intersil Corporation HI-5046A Datasheet HTML 4Page - Intersil Corporation HI-5046A Datasheet HTML 5Page - Intersil Corporation HI-5046A Datasheet HTML 6Page - Intersil Corporation HI-5046A Datasheet HTML 7Page - Intersil Corporation HI-5046A Datasheet HTML 8Page - Intersil Corporation HI-5046A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HI-5046A/883
3
FN8274.0
May 3, 2012
Logic Supply Current
+IL
VA = 0V, 5V
1
+25
-
200
µA
2, 3
-55 to +125
-
300
µA
Reference Supply Current
+IR
VA = 0V, 5V
1
+25
-200
-
µA
2, 3
-55 to +125
-300
-
µA
TABLE 1. D.C. ELECTRICAL PERFORMANCE SPECIFICATIONS (Continued)
Device Tested at: Supply Voltage =
±15V, VL = +5.0V, VR = 0.0V, VAH = 2.4V, VAL = +0.8V, unused pins are grounded, unless otherwise specified.
D.C. PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
(°C)
MIN
MAX
UNITS
TABLE 2. A.C. ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Tested at: Supply Voltage =
±15V, VL = +5.0V, VR = 0.0V, VAH = +5.0V, VAL = +0.0V, unused pins are grounded, unless otherwise specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
(°C)
MIN
MAX
UNITS
Turn “ON” Time
t(ON)
VS = 10V, -10V
CL = 10pF
RL = 1kΩ
11
-55
-
450
ns
9
+25
-
500
ns
10
+125
-
800
ns
Turn “OFF” Time
t(OFF)
VS = 10V, -10V
CL = 10pF
RL = 1kΩ
11
-55
-
350
ns
9
+25
-
450
ns
10
+125
-
600
ns
TABLE 3. ELECTRICAL PERFORMANCE SPECIFICATIONS (NOTE 1)
Device Characterized at:
+VSUPPLY = +15V, −VSUPPLY = −15V, GND = 0V
PARAMETERS
SYMBOL
CONDITIONS
NOTE
TEMPERATURE
(°C)
MIN
MAX
UNITS
“ON” Resistance Match
(Channel to Channel)
rON2 Match
VD = ±10V
ID = 10mA
1
+25
-
10
Address Capacitance
CA
VA = 0V, 5V
1
+25
-
45
pF
Switch Input Capacitance
CS (OFF)
Switch Off: VA = 0V
1
+25
-
60
pF
Switch Output Capacitance
CD (OFF)
Switch Off: VA = 0V
1
+25
-
60
pF
CD (ON)
Switch On: VA = 5V
1
+25
-
60
pF
Drain to Source Capacitance
CDS (OFF)
Switch Off: VA = 0V
1
+25
-
10
pF
Off Isolation
VISO
VS = 2VP-P @ f = 100kHz,
RL =100Ω
1
+25
1
60
dB
Crosstalk
VCT
VS = 2VP-P @ f = 100kHz,
RL =100Ω
1
+25
1
60
dB
Charge Transfer Error
VCTE
VS = GND, CL = 0.01µF
VA = 0V to 4V @ f = 200kHz
1
+25
-
30
mV
NOTE:
1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These parameters are lab
characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization based upon data from
multiple production runs which reflect lot to lot and within lot variation.
TABLE 4. ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUPS (Tables 1 and 2)
Interim Electrical Parameters (Pre Burn-in)
1
Final Electrical Test Parameters
1 (Note 2), 2, 3, 9, 10, 11
Group A Test Requirements
1, 2, 3, 9, 10, 11
Groups C & D Endpoints
1
NOTE:
2. PDA applies to Subgroup 1 only.


Similar Part No. - HI-5046A

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI-5046A HARRIS-HI-5046A Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
More results

Similar Description - HI-5046A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-950MC DATEL-SHM-950MC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC-C DATEL-SHM-49MC-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49ME-C DATEL-SHM-49ME-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-14883 DATEL-SHM-14883 Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com