Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX7705 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MX7705 Datasheet HTML 14Page - Maxim Integrated Products MX7705 Datasheet HTML 15Page - Maxim Integrated Products MX7705 Datasheet HTML 16Page - Maxim Integrated Products MX7705 Datasheet HTML 17Page - Maxim Integrated Products MX7705 Datasheet HTML 18Page - Maxim Integrated Products MX7705 Datasheet HTML 19Page - Maxim Integrated Products MX7705 Datasheet HTML 20Page - Maxim Integrated Products MX7705 Datasheet HTML 21Page - Maxim Integrated Products MX7705 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
To minimize gain errors in unbuffered mode, select a
source impedance less than the maximum values
shown in Figures 2 and 3. These are the maximum
external resistance/capacitance combinations allowed
before gain errors greater than 1 LSB are introduced in
unbuffered mode.
Enable the internal input buffer for a high source imped-
ance. This isolates the inputs from the sampling capaci-
tor and reduces the sampling-related gain error. When
using the internal buffer, limit the absolute input voltage
range to (VGND + 50mV) to (VDD - 1.5V). Set gain and
common-mode voltage range properly to minimize lin-
earity errors.
Input Voltage Range
In unbuffered mode, the absolute analog input voltage
range is from (GND - 30mV) to (VDD + 30mV) (see the
Electrical Characteristics). In buffered mode, the ana-
log input voltage range is reduced to (GND + 50mV) to
(VDD - 1.5V). In both buffered and unbuffered modes,
the differential analog input range (VAIN+ - VAIN-)
decreases at higher gains (see the Programmable-Gain
Amplifier and the Unipolar and Bipolar Modes sections).
Reference
The MX7705 provides differential inputs, REF+ and REF-,
for an external reference voltage. Connect the external
reference directly across REF+ and REF- to obtain the
differential reference voltage, VREF. The common-mode
voltage range for VREF+ and VREF- is between GND
and VDD. For specified operation, the nominal voltage,
VREF (VREF+ - VREF-), is 1.225V for VDD = 4.75V to
5.25V and 2.5V for VDD = 2.7V to 3.6V.
The MX7705 samples REF+ and REF- at fCLKIN / 64
(CLKDIV = 0) or fCLKIN / 128 (CLKDIV = 1) with an
internal 10pF (typ for gain = 1) sampling capacitor in
series with a 7k
Ω (typ) switch on-resistance.
Programmable-Gain Amplifier
A PGA provides selectable levels of gain: 1, 2, 4, 8, 16,
32, 64, and 128. Bits G0, G1, and G2 in the setup reg-
ister control the gain (Table 9). As the gain increases,
the value of the input sampling capacitor, CSAMP, also
increases (Table 5). The dynamic load presented to the
analog inputs increases with clock frequency and gain
in unbuffered mode (see the Input Buffers section and
Figure 1).
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
18
______________________________________________________________________________________
HIGH
IMPEDANCE
RSW (7k
Ω TYP)
CTOTAL(7pF TYP FOR GAIN = 1)
AIN(+)
AIN(-)
VBIAS
CTOTAL = CSAMP + CSTRAY
Figure 1. Unbuffered Analog Input Structure
0.1
1
10
100
1
10
100
1000
10,000
EXTERNAL CAPACITANCE (pF)
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8 TO 128
Figure 2. Maximum External Resistance vs. Maximum External
Capacitance for Unbuffered Mode (1MHz)
0.1
1
10
100
1
10
100
1000
10,000
EXTERNAL CAPACITANCE (pF)
GAIN = 2
GAIN = 4
GAIN = 8 TO 128
GAIN = 1
Figure 3. Maximum External Resistance vs. Maximum External
Capacitance for Unbuffered Mode (2.4576MHz)


Similar Part No. - MX7705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705 MAXIM-MX7705 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705EPE MAXIM-MX7705EPE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EPE++ MAXIM-MX7705EPE+ Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705EUE MAXIM-MX7705EUE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
More results

Similar Description - MX7705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787_17 Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com