Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI846X Datasheet(PDF) 34 Page - Silicon Laboratories

Part # SI846X
Description  LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI846X Datasheet(HTML) 34 Page - Silicon Laboratories

Back Button SI846X Datasheet HTML 28Page - Silicon Laboratories SI846X Datasheet HTML 29Page - Silicon Laboratories SI846X Datasheet HTML 30Page - Silicon Laboratories SI846X Datasheet HTML 31Page - Silicon Laboratories SI846X Datasheet HTML 32Page - Silicon Laboratories SI846X Datasheet HTML 33Page - Silicon Laboratories SI846X Datasheet HTML 34Page - Silicon Laboratories SI846X Datasheet HTML 35Page - Silicon Laboratories SI846X Datasheet HTML 36Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Si8460/61/62/63
34
Rev. 1.5
8. Top Marking: 16-Pin Narrow Body SOIC
8.1. 16-Pin Narrow Body SOIC Top Marking
8.2. Top Marking Explanation
Line 1 Marking:
Base Part Number
Ordering Options
(See Ordering Guide for more
information).
Si84 = Isolator product series
XY = Channel Configuration
X = # of data channels (6, 5, 4, 3, 2, 1)
Y = # of reverse channels (3, 2, 1, 0)
S = Speed Grade
A = 1 Mbps; B = 150 Mbps
V = Insulation rating
A = 1 kV; B = 2.5 kV
Line 2 Marking:
Circle = 1.2 mm Diameter
“e3” Pb-Free Symbol
YY = Year
WW = Work Week
Assigned by the Assembly House. Corresponds to the
year and work week of the mold date.
TTTTTT = Mfg code
Manufacturing Code from Assembly Purchase Order
form.
Circle = 1.2 mm diameter
“e3” Pb-Free Symbol.
Si84XYSV
YYWWTTTTTT
e3


Similar Part No. - SI846X

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
More results

Similar Description - SI846X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
Six-Channel Digital Isolator
Rev 0; 3/12
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
Six-Channel Digital Isolator
Rev 2; 11/14
logo
Silicon Laboratories
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
Low Power Six-Channel Digital Isolator
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com