Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARRTN5-868.000MHZ Datasheet(PDF) 1 Page - Abracon Corporation

Part # ARRTN5-868.000MHZ
Description  RFID Reader (Passive)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARRTN5-868.000MHZ Datasheet(HTML) 1 Page - Abracon Corporation

  ARRTN5-868.000MHZ Datasheet HTML 1Page - Abracon Corporation ARRTN5-868.000MHZ Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STANDARD SPECIFICATIONS:
TYPICAL APPLICATIONS:
FEATURES:
65.0 x 65.0 x 9.2mm
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
RFID systems for Logistic & Inventory Management of Retail,
Pharmaceutical, Automotive Industries; Industrial automation,
Contactless smart cards.
MSL level: Not Applicable
SMITH CHART:
OUTLINE DRAWING:
ARRTN5-868.000MHz
RoHS/RoHS II Compliant
RADIATION PATTERN
Parameters
Min.
Typ.
Max.
Units
Note
Center Frequency
868±3
MHz
V.S.W.R
1.5
Bandwidth
12.0
MHz
V.S.W.R<1.5
Impendence
50
Gain
3.5
dBi
Based on 120×120mm ground plane
Polarization
RHCP
Working Temperature
-40
+80
˚C
Storage Temperature
-45
+85
˚C
Unit: mm
L1
Other Tolerance: ±0.3mm
Description
Material
Antenna Type Dielectric Ceramics 62.5x62.5x6mm
PCB
FR4, 65mm
RF Cable
RG178, Φ 2.7±0.3mm, L1=88±5mm, L=110±5mm
RF Connector
MMCX-JW3
Thickness
9.2mm Max
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 11.24.14
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
• High Gain
• Easy to install
• RF Cable and Connector
• RoHS Compliant
RFID Reader (Passive)


Similar Part No. - ARRTN5-868.000MHZ

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARRTN5-915.000MHZ ABRACON-ARRTN5-915.000MHZ Datasheet
4Mb / 2P
RFID Reader (Passive)
11.24.14
More results

Similar Description - ARRTN5-868.000MHZ

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARRAN5-868.000MHZ ABRACON-ARRAN5-868.000MHZ Datasheet
2Mb / 2P
RFID Reader (Passive)
11.17.14
ARRAN5-915.000MHZ ABRACON-ARRAN5-915.000MHZ Datasheet
2Mb / 2P
RFID Reader (Passive)
11.17.14
ARRCN5-868.000MHZ ABRACON-ARRCN5-868.000MHZ Datasheet
2Mb / 2P
RFID Reader (Passive)
11.17.14
ARRCN5-915.000MHZ ABRACON-ARRCN5-915.000MHZ Datasheet
1Mb / 2P
RFID Reader (Passive)
11.17.14
ARRRN5-868.000MHZ ABRACON-ARRRN5-868.000MHZ Datasheet
3Mb / 2P
RFID Reader (Passive)
11.17.14
ARRRN5-915.000MHZ ABRACON-ARRRN5-915.000MHZ Datasheet
3Mb / 2P
RFID Reader (Passive)
11.17.14
ARRSN5-868.000MHZ ABRACON-ARRSN5-868.000MHZ Datasheet
4Mb / 2P
RFID Reader (Passive)
11.17.14
ARRSN5-915.000MHZ ABRACON-ARRSN5-915.000MHZ Datasheet
4Mb / 2P
RFID Reader (Passive)
11.24.14
ARRTN5-915.000MHZ ABRACON-ARRTN5-915.000MHZ Datasheet
4Mb / 2P
RFID Reader (Passive)
11.24.14
ARRUN5-868.000MHZ ABRACON-ARRUN5-868.000MHZ Datasheet
4Mb / 2P
RFID Reader (Passive)
11.24.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com