Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74ALVCHR162245 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74ALVCHR162245
Description  3.3V CMOS 16-BIT BUS TRANSCIEVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCHR162245 Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74ALVCHR162245_16 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCHR162245_16 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCHR162245_16 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCHR162245_16 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCHR162245_16 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCHR162245_16 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INDUSTRIAL TEMPERATURE RANGE
6
IDT74ALVCHR162245
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
ORDERING INFORMATION
XX
ALVC
XXX
XX
Package
Device Type
Temp. Range
PAG
R162
74
Thin Shrink Small Outline Package - Green
16-Bit Bus Transceiver with 3-State Outputs
-40°C to +85°C
XXX
Family
Bus-Hold
245
Bus-Hold
Double-Density with Resistors, ±12mA
H
Blank
8
Tube
Tape and Reel
X
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
Datasheet Document History
09/19/2016
Pg.
6
Updated the ordering information by adding Tape and Reel.


Similar Part No. - IDT74ALVCHR162245_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCHR162245PA IDT-IDT74ALVCHR162245PA Datasheet
85Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHR162245PF IDT-IDT74ALVCHR162245PF Datasheet
85Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHR162245PV IDT-IDT74ALVCHR162245PV Datasheet
85Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
More results

Similar Description - IDT74ALVCHR162245_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74ALVCH162245 IDT-74ALVCH162245 Datasheet
102Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHR162245 IDT-IDT74ALVCHR162245 Datasheet
85Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVCH162245 IDT-IDT74ALVCH162245_16 Datasheet
99Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCIEVER
IDT74LVC16245A IDT-IDT74LVC16245A_15 Datasheet
121Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCH16245A IDT-IDT74LVCH16245A_15 Datasheet
242Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCH162245A IDT-IDT74LVCH162245A_15 Datasheet
243Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCHR162245A IDT-IDT74LVCHR162245A_15 Datasheet
242Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
IDT74ALVCH162245 RENESAS-IDT74ALVCH162245 Datasheet
300Kb / 8P
3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
IDT74ALVCHR162245 RENESAS-IDT74ALVCHR162245 Datasheet
274Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
SEPTEMBER 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com