Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V3557S Datasheet(PDF) 15 Page - Integrated Device Technology

Part # IDT71V3557S
Description  Synchronous ZBT SRAMs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3557S Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button IDT71V3557S_09 Datasheet HTML 11Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 12Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 13Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 14Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 15Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 16Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 17Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 18Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
6.42
IDT71V3557, IDT71V3559, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
ZBT™ Feature, 3.3V I/O, Burst Counter, and Flow-Through Outputs
Commercial and Industrial Temperature Ranges
15
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 3.3V +/-5%)
Figure 2. Lumped Capacitive Load, Typical Derating
Figure 1. AC Test Load
AC Test Loads
AC Test Conditions (VDDQ = 3.3V)
DC Electrical Characterics Over the Operating
Temperature and Supply Voltage Range (1) (VDD = 3.3V +/-5%)
NOTE:
1. The LBO, JTAG and ZZ pins will be internally pulled to VDD and ZZ will be internally pulled to VSS if it is not actively driven in the application.
NOTES:
1. All values are maximum guaranteed values.
2. At f = fMAX, inputs are cycling at the maximum frequency of read cycles of 1/tCYC; f=0 means no input lines are changing.
3. For I/Os VHD = VDDQ - 0.2V, VLD = 0.2V. For other inputs VHD = VDD - 0.2V, VLD = 0.2V.
VDDQ/2
50
Ω
I/O
Z0 =50
Ω
5282 drw 04
,
1
2
3
4
20 30 50
100
200
ΔtCD
(Typical, ns)
Capacitance (pF)
80
5
6
5282 drw 05
,
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
|ILI|
Input Leakage Current
VDD = Max., VIN = 0V to VDD
___
5µA
|ILI|
LBO,
JTAG and ZZ Input Leakage Current(1)
VDD = Max., VIN = 0V to VDD
___
30
µA
|ILO|
Output Leakage Current
VOUT = 0V to VCC
___
5µA
VOL
Output Low Voltage
IOL = +8mA, VDD = Min.
___
0.4
V
VOH
Output High Voltage
IOH = -8mA, VDD = Min.
2.4
___
V
5282 tbl 21
Symbol
Parameter
Test Conditions
7.5ns
8ns
8.5ns
Unit
Com'l Only
Com'l
Ind
Com'l
Ind
IDD
Operating Power
Supply Current
Device Selected, Outputs Open,
ADV/LD = X, VDD = Max.,
VIN > VIH or < VIL, f = fMAX(2)
275
250
260
225
235
mA
ISB1
CMOS Standby Power
Supply Current
Device Deselected, Outputs Open,
VDD = Max., VIN > VHD or < VLD,
f = 0(2,3)
40
40
45
40
45
mA
ISB2
Clock Running Power
Supply Current
Device Deselected, Outputs Open,
VDD = Max., VIN > VHD or < VLD,
f = fMAX(2,3)
105
100
110
95
105
mA
ISB3
Idle Power
Supply Current
Device Selected, Outputs Open,
CEN
> VIH, VDD = Max.,
VIN > VHD or < VLD, f = fMAX(2,3)
40
40
45
40
45
mA
5282 tbl 22
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
0 to 3V
2ns
1.5V
1.5V
Figure 1
5282 tbl 23


Similar Part No. - IDT71V3557S_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3557S80BG IDT-IDT71V3557S80BG Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BGI IDT-IDT71V3557S80BGI Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BQ IDT-IDT71V3557S80BQ Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BQI IDT-IDT71V3557S80BQI Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80PF IDT-IDT71V3557S80PF Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
More results

Similar Description - IDT71V3557S_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
Synchronous ZBT SRAMs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
3.3V Synchronous ZBT SRAM
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com