Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V3557S Datasheet(PDF) 14 Page - Integrated Device Technology

Part # IDT71V3557S
Description  Synchronous ZBT SRAMs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3557S Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button IDT71V3557S_09 Datasheet HTML 10Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 11Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 12Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 13Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 14Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 15Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 16Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 17Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
6.42
14
IDT71V3557, IDT71V3559, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
ZBT™ Feature, 3.3V I/O, Burst Counter, and Flow-Through Outputs
Commercial and Industrial Temperature Ranges
Read Operation with Chip Enable Used (1)
Write Operation with Chip Enable Used (1)
NOTES:
1. H = High; L = Low; X = Don’t Care; ? = Don't Know; Z = High Impedance.
2. CE2 timing transition is identical to CE1 signal. CE2 timing transition is identical but inverted to the CE1 and CE2 signals.
3. Device outputs are ensured to be in High-Z during device power-up.
NOTES:
1. H = High; L = Low; X = Don’t Care; ? = Don't Know; Z = High Impedance.
2. CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L.
Cycle
Address
R/W
ADV/LD
CE1(2)
CEN
BW
x
OE
I/O(3)
Comments
n
X
X
L
H
L
X
X
?
Deselected.
n+1
X
X
L
H
L
X
X
Z
Deselected.
n+2
A0
H
L
L
L
X
X
Z
Address A0 and Control meet setup.
n+3
X
X
L
H
L
X
L
Q0
Address A0 read out, Deselected.
n+4
A1
H
L
L
L
X
X
Z
Address A1 and Control meet setup.
n+5
X
X
L
H
L
X
L
Q1
Address A1 read out, Deselected.
n+6
X
X
L
H
L
X
X
Z
Deselected.
n+7
A2
H
L
L
L
X
X
Z
Address A2 and Control meet setup.
n+8
X
X
L
H
L
X
L
Q2
Address A2 read out, Deselected.
n+9
X
X
L
H
L
X
X
Z
Deselected.
5282 tbl 19
Cycle
Address
R/W
ADV/LD
CE(2)
CEN
BW
x
OE
I/O
Comments
n
X
X
L
H
L
X
X
?
Deselected.
n+1
X
X
L
H
L
X
X
Z
Deselected.
n+2
A0
L
L
L
L
L
X
Z
Address A0 and Control meet setup
n+3
X
X
L
H
L
X
X
D0
Data D0 Write In, Deselected.
n+4
A1
L
L
L
L
L
X
Z
Address A1 and Control meet setup
n+5
X
X
L
H
L
X
X
D1
Data D1 Write In, Deselected.
n+6
X
X
L
H
L
X
X
Z
Deselected.
n+7
A2
L
L
L
L
L
X
Z
Address A2 and Control meet setup
n+8
X
X
L
H
L
X
X
D2
Data D2 Write In, Deselected.
n+9
X
X
L
H
L
X
X
Z
Deselected.
5282 tbl 20


Similar Part No. - IDT71V3557S_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3557S80BG IDT-IDT71V3557S80BG Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BGI IDT-IDT71V3557S80BGI Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BQ IDT-IDT71V3557S80BQ Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BQI IDT-IDT71V3557S80BQI Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80PF IDT-IDT71V3557S80PF Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
More results

Similar Description - IDT71V3557S_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
Synchronous ZBT SRAMs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
3.3V Synchronous ZBT SRAM
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com