Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V3557S Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT71V3557S
Description  Synchronous ZBT SRAMs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3557S Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT71V3557S_09 Datasheet HTML 9Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 10Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 11Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 12Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 13Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 14Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 15Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 16Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
6.42
IDT71V3557, IDT71V3559, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
ZBT™ Feature, 3.3V I/O, Burst Counter, and Flow-Through Outputs
Commercial and Industrial Temperature Ranges
13
Read Operation with Clock Enable Used (1)
Write Operation with Clock Enable Used (1)
NOTES:
1. H = High; L = Low; X = Don’t Care; Z = High Impedance.
2. CE2 timing transition is identical to CE1 signal. CE2 timing transition is identical but inverted to the CE1 and CE2 signals.
NOTES:
1. H = High; L = Low; X = Don’t Care; Z = High Impedance.
2. CE2 timing transition is identical to CE1 signal. CE2 timing transition is identical but inverted to the CE1 and CE2 signals.
Cycle
Address
R/W
ADV/LD
CE1(2)
CEN
BW
x
OE
I/O
Comments
nA0
H
L
L
L
XXX
AddressA0 and Control meet setup
n+1
X
X
X
X
H
X
X
X
Clock n+1 Ignored
n+2
A1
HL
L
L
X
L
Q0
Address A0 Read out, Load A1
n+3
X
X
X
XH
XL
Q0
Clock Ignored. Data Q0 is on the bus.
n+4
X
X
X
XH
XL
Q0
Clock Ignored. Data Q0 is on the bus.
n+5
A2
HL
L
L
X
L
Q1
Address A1 Read out, Load A2
n+6
A3
HL
L
L
X
L
Q2
Address A2 Read out, Load A3
n+7
A4
HL
L
L
X
L
Q3
Address A3 Read out, Load A4
5282 tbl 17
Cycle
Address
R/W
ADV/LD
CE1(2)
CEN
BW
x
OE
I/O
Comments
nA0
L
L
L
L
L
X
X
Address A0 and Control meet setup.
n+1
X
X
X
X
H
X
X
X
Clock n+1 Ignored.
n+2
A1
L
L
LLL
X
D0
Write data D0, Load A1.
n+3
X
X
X
X
H
X
X
X
Clock Ignored.
n+4
X
X
X
X
H
X
X
X
Clock Ignored.
n+5
A2
L
L
LLL
X
D1
Write Data D1, Load A2
n+6
A3
L
L
LLL
X
D2
Write Data D2, Load A3
n+7
A4
L
L
LLL
X
D3
Write Data D3, Load A4
5282 tbl 18


Similar Part No. - IDT71V3557S_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3557S80BG IDT-IDT71V3557S80BG Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BGI IDT-IDT71V3557S80BGI Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BQ IDT-IDT71V3557S80BQ Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BQI IDT-IDT71V3557S80BQI Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80PF IDT-IDT71V3557S80PF Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
More results

Similar Description - IDT71V3557S_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com