Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V3557S Datasheet(PDF) 28 Page - Integrated Device Technology

Part # IDT71V3557S
Description  Synchronous ZBT SRAMs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3557S Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button IDT71V3557S_09 Datasheet HTML 20Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 21Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 22Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 23Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 24Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 25Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 26Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 27Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 28Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
6.42
28
IDT71V3557, IDT71V3559, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
ZBT™ Feature, 3.3V I/O, Burst Counter, and Flow-Through Outputs
Commercial and Industrial Temperature Ranges
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Rd
800-345-7015 or 408-284-8200
sramhelp@idt.com
San Jose, CA 95138
fax:408-284-2775
408-284-4532
www.idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History
6/30/99
Updated to new format
8/23/99
Pg. 5, 6
Added Pin 64 to Note 1 and changed Pins 38, 42, and 43 to DNU
Pg. 7
Changed U2–U6 to DNU
Pg. 15
Improved tCH, tCL; revised tCLZ
Pg. 21
Added BGA package diagrams
Pg. 23
AddedDatasheetDocumentHistory
12/31/99
Pg. 5, 14, 15, 22
AddedIndustrialTemperaturerangeofferings
05/02/00
Pg. 5,6
InsertclarificationnotetoRecommendedOperatingTemperatureandAbsoluteMaxratings
tables
Pg. 5,6,7
Clarify note on TQFP and BGA pin configurations; corrected typo in pinout
Pg. 6
Add BGAcapacitancetable
Pg. 21
AddTQFPPackageDiagramOutline
05/26/00
Add new package offering 13 x 15mm 165 fBGA
Pg. 23
Correct119BGAPackageDiagramOutline
07/26/00
Pg. 5-8
Add ZZ sleep mode reference note to TQFP, BG119 and BQ165
Pg. 8
UpdateBQ165pinout
Pg. 23
UpdateBG119pinoutpackagediagramdimensions
10/25/00
Removepreliminarystatus
Pg. 8
Add reference note to pin N5 on BQ165 pinout, reserved for JTAG TRST
05/20/02
Pg. 1-8,15,22,23,27
Added JTAG "SA" version functionality and updated ZZ pin descriptions and notes.
10/15/04
Pg. 7
Updated pin configuration for the 119 BGA - reordered I/O signals on P6, P7 (128K x 36)
and P7, N6, L6, K7, H6, G7, F6, E7, D6 (256K x 18).
12/07/05
Pg. 27
Added"Restrictedhazardoussubstancedevice"toorderinginformation.
02/20/09
Pg. 27
Removed "IDT" from orderable parts number.
ZBT and ZeroBus Turnaround are trademarks of Integrated Device Technology, Inc. and the architecture is supported by Micron Technology and Motorola Inc.


Similar Part No. - IDT71V3557S_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3557S80BG IDT-IDT71V3557S80BG Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BGI IDT-IDT71V3557S80BGI Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BQ IDT-IDT71V3557S80BQ Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BQI IDT-IDT71V3557S80BQI Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80PF IDT-IDT71V3557S80PF Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
More results

Similar Description - IDT71V3557S_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com