Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V3557S Datasheet(PDF) 23 Page - Integrated Device Technology

Part # IDT71V3557S
Description  Synchronous ZBT SRAMs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3557S Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button IDT71V3557S_09 Datasheet HTML 19Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 20Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 21Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 22Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 23Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 24Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 25Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 26Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 27Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
6.42
IDT71V3557, IDT71V3559, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
ZBT™ Feature, 3.3V I/O, Burst Counter, and Flow-Through Outputs
Commercial and Industrial Temperature Ranges
23
NOTES:
1. Device outputs = All device outputs except TDO.
2. Device inputs = All device inputs except TDI, TMS, and TRST.
Instruction Field
Value
Description
Revision Number (31:28)
0x2
Reserved for version number.
IDT Device ID (27:12)
0x209, 0x20B
Defines IDT part number 71V3557and 71V3559, respectively.
IDT JEDEC ID (11:1)
0x33
Allows unique identification of device vendor as IDT.
ID Register Indicator Bit (Bit 0)
1
Indicates the presence of an ID register.
I5282 tbl 02
JTAG Identification Register Definitions (SA Version only)
Instruction
Description
OPCODE
EXTEST
Forces contents of the boundary scan cells onto the device outputs(1).
Places the boundary scan register (BSR) between TDI and TDO.
0000
SAMPLE/PRELOAD
Places the boundary scan register (BSR) between TDI and TDO.
SAMPLE allows data from device inputs(2) and outputs(1) to be captured
in the boundary scan cells and shifted serially through TDO. PRELOAD
allows data to be input serially into the boundary scan cells via the TDI.
0001
DEVICE_ID
Loads the JTAG ID register (JIDR) with the vendor ID code and places
the register between TDI and TDO.
0010
HIGHZ
Places the bypass register (BYR) between TDI and TDO. Forces all
device o utput drivers to a High-Z state.
0011
RESERVED
Several combinations are reserved. Do not use codes other than those
identified for EXTEST, SAMPLE/PRELOAD, DEVICE_ID, HIGHZ, CLAMP,
VALIDATE and BYPASS instructions.
0100
RESERVED
0101
RESERVED
0110
RESERVED
0111
CLAMP
Uses BYR. Forces contents of the boundary scan cells onto the device
outputs. Places the byp ass registe r (BYR) between TDI and TDO.
1000
RESERVED
Same as above.
1001
RESERVED
1010
RESERVED
1011
RESERVED
1100
VALIDATE
Automatically loaded into the instruction register whenever the TAP
controller passes through the CAPTURE-IR state. The lower two bits '01'
are mand ated by the IEEE std. 1149.1 specification.
1101
RESERVED
Same as above.
1110
BYPASS
The BYPASS instruction is used to truncate the boundary scan register
as a single bit in length.
1111
I5282 tbl 04
Available JTAG Instructions


Similar Part No. - IDT71V3557S_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3557S80BG IDT-IDT71V3557S80BG Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BGI IDT-IDT71V3557S80BGI Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BQ IDT-IDT71V3557S80BQ Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BQI IDT-IDT71V3557S80BQI Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80PF IDT-IDT71V3557S80PF Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
More results

Similar Description - IDT71V3557S_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
Synchronous ZBT SRAMs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
3.3V Synchronous ZBT SRAM
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com