Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V3557S Datasheet(PDF) 16 Page - Integrated Device Technology

Part # IDT71V3557S
Description  Synchronous ZBT SRAMs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3557S Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button IDT71V3557S_09 Datasheet HTML 12Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 13Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 14Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 15Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 16Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 17Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 18Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 19Page - Integrated Device Technology IDT71V3557S_09 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
6.42
16
IDT71V3557, IDT71V3559, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
ZBT™ Feature, 3.3V I/O, Burst Counter, and Flow-Through Outputs
Commercial and Industrial Temperature Ranges
AC Electrical Characteristics
(VDD = 3.3V +/-5%, Commercial and Industrial Temperature Ranges)
NOTES:
1. Measured as HIGH above 0.6VDDQ and LOW below 0.4VDDQ.
2. Transition is measured ±200mV from steady-state.
3. These parameters are guaranteed with the AC load (Figure 1) by device characterization. They are not production tested.
4. To avoid bus contention, the output buffers are designed such that tCHZ (device turn-off) is about 1ns faster than tCLZ (device turn-on) at a given temperature and
voltage. The specs as shown do not imply bus contention because tCLZ is a Min. parameter that is worse case at totally different test conditions
(0 deg. C, 3.465V) than tCHZ, which is a Max. parameter (worse case at 70 deg. C, 3.135V).
5. Commercial temperature range only.
7.5ns(5)
8ns
8.5ns
Symbol
Parameter
Min.Max.Min.Max.Min.Max.
Unit
tCYC
Clock Cycle Time
10
____
10.5
____
11
____
ns
tCH(1)
Clock High Pulse Width
2.5
____
2.7
____
3.0
____
ns
tCL(1)
Clock Low Pulse Width
2.5
____
2.7
____
3.0
____
ns
Output Parameters
tCD
Clock High to Valid Data
____
7.5
____
8
____
8.5
ns
tCDC
Clock High to Data Change
2
____
2
____
2
____
ns
tCLZ(2,3,4)
Clock High to Output Active
3
____
3
____
3
____
ns
tCHZ(2,3,4)
Clock High to Data High-Z
____
5
____
5
____
5ns
tOE
Output Enable Access Time
____
5
____
5
____
5ns
tOLZ(2,3)
Output Enable Low to Data Active
0
____
0
____
0
____
ns
tOHZ(2,3)
Output Enable High to Data High-Z
____
5
____
5
____
5ns
Set Up Times
tSE
Clock Enable Setup Time
2.0
____
2.0
____
2.0
____
ns
tSA
Address Setup Time
2.0
____
2.0
____
2.0
____
ns
tSD
Data In Setup Time
2.0
____
2.0
____
2.0
____
ns
tSW
Read/Write (R/W) Setup Time
2.0
____
2.0
____
2.0
____
ns
tSADV
Advance/Load (ADV/LD) Setup Time
2.0
____
2.0
____
2.0
____
ns
tSC
Chip Enable/Select Setup Time
2.0
____
2.0
____
2.0
____
ns
tSB
Byte Write Enable (BWx) Setup Time
2.0
____
2.0
____
2.0
____
ns
Hold Times
tHE
Clock Enable Hold Time
0.5
____
0.5
____
0.5
____
ns
tHA
Address Hold Time
0.5
____
0.5
____
0.5
____
ns
tHD
Data In Hold Time
0.5
____
0.5
____
0.5
____
ns
tHW
Read/Write (R/W) Hold Time
0.5
____
0.5
____
0.5
____
ns
tHADV
Advance/Load (ADV/LD) Hold Time
0.5
____
0.5
____
0.5
____
ns
tHC
Chip Enable/Select Hold Time
0.5
____
0.5
____
0.5
____
ns
tHB
Byte Write Enable (BWx) Hold Time
0.5
____
0.5
____
0.5
____
ns
5282 tbl 24


Similar Part No. - IDT71V3557S_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3557S80BG IDT-IDT71V3557S80BG Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BGI IDT-IDT71V3557S80BGI Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BQ IDT-IDT71V3557S80BQ Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80BQI IDT-IDT71V3557S80BQI Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V3557S80PF IDT-IDT71V3557S80PF Datasheet
996Kb / 28P
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
More results

Similar Description - IDT71V3557S_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
Synchronous ZBT SRAMs
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
3.3V Synchronous ZBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com