Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V2546S Datasheet(PDF) 14 Page - Integrated Device Technology

Part # IDT71V2546S
Description  3.3V Synchronous ZBT SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2546S Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button IDT71V2546S_11 Datasheet HTML 10Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 11Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 12Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 13Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 14Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 15Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 16Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 17Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
6.42
14
IDT71V2546, 128K x 36, 3.3V Synchronous ZBT™ SRAM
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
AC Electrical Characteristics
(VDD = 3.3V±5%, Commercial and Industrial Temperature Ranges)
NOTES:
1. tF = 1/tCYC.
2. Measured as HIGH above 0.6VDDQ and LOW below 0.4VDDQ.
3. Transition is measured ±200mV from steady-state.
4. These parameters are guaranteed with the AC load (Figure 1) by device characterization. They are not production tested.
5. To avoid bus contention, the output buffers are designed such that tCHZ (device turn-off) is about 1ns faster than tCLZ (device turn-on) at a given temperature and voltage.
The specs as shown do not imply bus contention because tCLZ is a Min. parameter that is worse case at totally different test conditions (0 deg. C, 3.465V) than tCHZ,
which is a Max. parameter (worse case at 70 deg. C, 3.135V).
z
H
M
0
5
1z
H
M
3
3
1z
H
M
0
0
1
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
Mt
i
n
U
t C
Y
C
e
m
i
T
e
l
c
y
C
k
c
o
l
C7
.
6
_
_
_
_
5
.
7
_
_
_
_
0
1
_
_
_
_
s
n
tF )
1
(
e
c
n
e
u
q
e
r
F
k
c
o
l
C
_
_
_
_
0
5
1
_
_
_
_
3
3
1
_
_
_
_
0
0
1z
H
M
t H
C
)
2
(
h
t
d
i
W
e
s
l
u
P
h
g
i
H
k
c
o
l
C0
.
2
_
_
_
_
2
.
2
_
_
_
_
2
.
3
_
_
_
_
s
n
t L
C
)
2
(
h
t
d
i
W
e
s
l
u
P
w
o
L
k
c
o
l
C0
.
2
_
_
_
_
2
.
2
_
_
_
_
2
.
3
_
_
_
_
s
n
s
r
e
t
e
m
a
r
a
P
t
u
p
t
u
O
t D
C
a
t
a
D
d
il
a
V
o
t
h
g
i
H
k
c
o
l
C
_
_
_
_
8
.
3
_
_
_
_
2
.
4
_
_
_
_
5s
n
t C
D
C
e
g
n
a
h
C
a
t
a
D
o
t
h
g
i
H
k
c
o
l
C5
.
1
_
_
_
_
5
.
1
_
_
_
_
5
.
1
_
_
_
_
s
n
t Z
L
C
)
5
,
4
,
3
(
e
v
it
c
A
t
u
p
t
u
O
o
t
h
g
i
H
k
c
o
l
C5
.
1
_
_
_
_
5
.
1
_
_
_
_
5
.
1
_
_
_
_
s
n
t Z
H
C
)
5
,
4
,
3
(
Z
-
h
g
i
H
a
t
a
D
o
t
h
g
i
H
k
c
o
l
C5
.
13
5
.
13
5
.
13
.
3s
n
t E
O
e
m
i
T
s
s
e
c
c
A
e
l
b
a
n
E
t
u
p
t
u
O
_
_
_
_
8
.
3
_
_
_
_
2
.
4
_
_
_
_
5s
n
t Z
L
O
)
4
,
3
(
e
v
it
c
A
a
t
a
D
o
t
w
o
L
e
l
b
a
n
E
t
u
p
t
u
O0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
t Z
H
O
)
4
,
3
(
Z
-
h
g
i
H
a
t
a
D
o
t
h
g
i
H
e
l
b
a
n
E
t
u
p
t
u
O
_
_
_
_
8
.
3
_
_
_
_
2
.
4
_
_
_
_
5s
n
s
e
m
i
T
p
U
t
e
S
t E
S
e
m
i
T
p
u
t
e
S
e
l
b
a
n
E
k
c
o
l
C5
.
1
_
_
_
_
7
.
1
_
_
_
_
0
.
2
_
_
_
_
s
n
t A
S
e
m
i
T
p
u
t
e
S
s
s
e
r
d
d
A5
.
1
_
_
_
_
7
.
1
_
_
_
_
0
.
2
_
_
_
_
s
n
t D
S
e
m
i
T
p
u
t
e
S
n
I
a
t
a
D5
.
1
_
_
_
_
7
.
1
_
_
_
_
0
.
2
_
_
_
_
s
n
t W
S
/
R
(
e
ti
r
W
/
d
a
e
R
W
e
m
i
T
p
u
t
e
S
)5
.
1
_
_
_
_
7
.
1
_
_
_
_
0
.
2
_
_
_
_
s
n
t
V
D
A
S
/
V
D
A
(
d
a
o
L
/
e
c
n
a
v
d
A
D
L
e
m
i
T
p
u
t
e
S
)5
.
1
_
_
_
_
7
.
1
_
_
_
_
0
.
2
_
_
_
_
s
n
t C
S
e
m
i
T
p
u
t
e
S
t
c
e
l
e
S
/
e
l
b
a
n
E
p
i
h
C5
.
1
_
_
_
_
7
.
1
_
_
_
_
0
.
2
_
_
_
_
s
n
t B
S
(
e
l
b
a
n
E
e
ti
r
W
e
t
y
B
W
B
e
m
i
T
p
u
t
e
S
)
x5
.
1
_
_
_
_
7
.
1
_
_
_
_
0
.
2
_
_
_
_
s
n
s
e
m
i
T
d
l
o
H
t E
H
e
m
i
T
d
l
o
H
e
l
b
a
n
E
k
c
o
l
C5
.
0
_
_
_
_
5
.
0
_
_
_
_
5
.
0
_
_
_
_
s
n
t A
H
e
m
i
T
d
l
o
H
s
s
e
r
d
d
A5
.
0
_
_
_
_
5
.
0
_
_
_
_
5
.
0
_
_
_
_
s
n
t D
H
e
m
i
T
d
l
o
H
n
I
a
t
a
D5
.
0
_
_
_
_
5
.
0
_
_
_
_
5
.
0
_
_
_
_
s
n
t W
H
/
R
(
e
ti
r
W
/
d
a
e
R
W
e
m
i
T
d
l
o
H
)5
.
0
_
_
_
_
5
.
0
_
_
_
_
5
.
0
_
_
_
_
s
n
t
V
D
A
H
/
V
D
A
(
d
a
o
L
/
e
c
n
a
v
d
A
D
L
e
m
i
T
d
l
o
H
)5
.
0
_
_
_
_
5
.
0
_
_
_
_
5
.
0
_
_
_
_
s
n
t C
H
e
m
i
T
d
l
o
H
t
c
e
l
e
S
/
e
l
b
a
n
E
p
i
h
C5
.
0
_
_
_
_
5
.
0
_
_
_
_
5
.
0
_
_
_
_
s
n
t B
H
(
e
l
b
a
n
E
e
ti
r
W
e
t
y
B
W
B
e
m
i
T
d
l
o
H
)
x5
.
0
_
_
_
_
5
.
0
_
_
_
_
5
.
0
_
_
_
_
s
n
4
2
l
b
t
4
9
2
5


Similar Part No. - IDT71V2546S_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546SA100BG IDT-IDT71V2546SA100BG Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100BGI IDT-IDT71V2546SA100BGI Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100BQ IDT-IDT71V2546SA100BQ Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100BQI IDT-IDT71V2546SA100BQI Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100PF IDT-IDT71V2546SA100PF Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
More results

Similar Description - IDT71V2546S_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V3548S IDT-IDT71V3548S Datasheet
490Kb / 26P
   256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V546S IDT-IDT71V546S_08 Datasheet
164Kb / 21P
   3.3V Synchronous SRAM
logo
Micron Technology
MT55L512L18P-1 MICRON-MT55L512L18P-1 Datasheet
497Kb / 30P
   8Mb ZBT SRAM
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Integrated Device Techn...
71V546S133PFG IDT-71V546S133PFG Datasheet
1,003Kb / 21P
   128K x 36, 3.3V Synchronous SRAM with ZBT??Feature, Burst Counter and Pipelined Outputs
IDT71V546 IDT-IDT71V546 Datasheet
178Kb / 20P
   128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com