Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V2546S Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT71V2546S
Description  3.3V Synchronous ZBT SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2546S Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT71V2546S_11 Datasheet HTML 9Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 10Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 11Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 12Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 13Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 14Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 15Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 16Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
6.42
IDT71V2546 128K x 36, 3.3V Synchronous ZBT™ SRAM
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
13
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 3.3V±5%)
Figure 2. Lumped Capacitive Load, Typical Derating
AC Test Conditions
(VDDQ = 2.5V)
DC Electrical Characteristics Over the Operating
Temperature Supply Voltage Range(1) (VDD = 3.3V±5%)
Figure 1. AC Test Load
AC Test Loads
NOTE:
1. The LBO, TMS, TDI, TCK and TRST pins will be internally pulled to VDD and ZZ will be internally pulled to VSS if it is not actively driven in the application.
NOTES:
1. All values are maximum guaranteed values.
2. At f = fMAX, inputs are cycling at the maximum frequency of read cycles of 1/tCYC; f=0 means no input lines are changing.
3. For I/Os VHD = VDDQ – 0.2V, VLD = 0.2V. For other inputs VHD = VDD – 0.2V, VLD = 0.2V.
VDDQ/2
50
I/O
Z0 = 50
5294 drw 04
,
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
x
a
Mt
i
n
U
I|LI|t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
IV D
D
V
,
.
x
a
M
=
N
I
V
o
t
V
0
=
D
D
_
_
_
5A
µ
I| I
L
|
Z
Z
d
n
a
G
A
T
J
,
O
B
Lt
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I
)
1
(
V D
D
V
,
.
x
a
M
=
N
I
V
o
t
V
0
=
D
D
_
_
_
0
3A
µ
I| O
L
|t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
OV
T
U
O
V
o
t
V
0
=
Q
D
D
d
e
t
c
e
l
e
s
e
D
e
c
i
v
e
D
,
_
_
_
5A
µ
V L
O
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
OI L
O
V
,
A
m
6
+
=
D
D
.
n
i
M
=
_
_
_
4
.
0V
V H
O
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OI H
O
V
,
A
m
6
-
=
D
D
.
n
i
M
=0
.
2
_
_
_
V
1
2
l
b
t
4
9
2
5
s
l
e
v
e
L
e
s
l
u
P
t
u
p
n
I
s
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
n
I
s
l
e
v
e
L
e
c
n
e
r
e
f
e
R
g
n
i
m
i
T
t
u
p
n
I
s
l
e
v
e
L
e
c
n
e
r
e
f
e
R
g
n
i
m
i
T
t
u
p
t
u
O
d
a
o
L
t
s
e
T
C
A
V
5
.
2
o
t
0
s
n
2
V
(
Q
D
D
)
2
/
V
(
Q
D
D
)
2
/
1
e
r
u
g
i
F
e
e
S
3
2
l
b
t
4
9
2
5
1
2
3
4
20 30 50
100
200
∆tCD
(Ty pi cal ,
ns )
Capaci t ance (pF )
80
5
6
5294 dr w05
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T
z
H
M
0
5
1z
H
M
3
3
1z
H
M
0
0
1
t
i
n
U
l'
m
o
Cl'
d
n
Il'
m
o
Cl'
d
n
Il'
m
o
Cl'
d
n
I
I D
D
r
e
w
o
P
g
n
it
a
r
e
p
O
t
n
e
r
r
u
C
y
l
p
p
u
S
,
n
e
p
O
s
t
u
p
t
u
O
,
d
e
t
c
e
l
e
S
e
c
i
v
e
D
/
V
D
A
D
L
V
,
X
=
D
D
,
.
x
a
M
=
V N
I
> V H
I
r
o< V L
I
f
=
f
,
X
A
M
)
2
(
5
2
35
3
30
0
30
1
30
5
20
6
2A
m
I 1
B
S
r
e
w
o
P
y
b
d
n
a
t
S
S
O
M
C
t
n
e
r
r
u
C
y
l
p
p
u
S
,
n
e
p
O
s
t
u
p
t
u
O
,
d
e
t
c
e
l
e
s
e
D
e
c
i
v
e
D
V D
D
V
,
.
x
a
M
=
N
I
> V D
H
r
o< V D
L
,
0
=
f
)
3
,
2
(
0
45
40
45
40
45
4A
m
I 2
B
S
r
e
w
o
P
g
n
i
n
n
u
R
k
c
o
l
C
t
n
e
r
r
u
C
y
l
p
p
u
S
,
n
e
p
O
s
t
u
p
t
u
O
,
d
e
t
c
e
l
e
s
e
D
e
c
i
v
e
D
V D
D
V
,
.
x
a
M
=
N
I
> V D
H
V
<
r
o
D
L
,
f
=
f
X
A
M
)
3
.
2
(
0
2
10
3
10
1
10
2
10
0
10
1
1A
m
I 3
B
S
r
e
w
o
P
e
l
d
I
t
n
e
r
r
u
C
y
l
p
p
u
S
,
n
e
p
O
s
t
u
p
t
u
O
,
d
e
t
c
e
l
e
S
e
c
i
v
e
D
N
E
C
> V H
I
V
,
D
D
,
.
x
a
M
=
V N
I
> V D
H
r
o< V D
L
f
=
f
,
X
A
M
)
3
,
2
(
0
45
40
45
40
45
4A
m
2
2
l
b
t
4
9
2
5


Similar Part No. - IDT71V2546S_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546SA100BG IDT-IDT71V2546SA100BG Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100BGI IDT-IDT71V2546SA100BGI Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100BQ IDT-IDT71V2546SA100BQ Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100BQI IDT-IDT71V2546SA100BQI Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100PF IDT-IDT71V2546SA100PF Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
More results

Similar Description - IDT71V2546S_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V3548S IDT-IDT71V3548S Datasheet
490Kb / 26P
   256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V546S IDT-IDT71V546S_08 Datasheet
164Kb / 21P
   3.3V Synchronous SRAM
logo
Micron Technology
MT55L512L18P-1 MICRON-MT55L512L18P-1 Datasheet
497Kb / 30P
   8Mb ZBT SRAM
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Integrated Device Techn...
71V546S133PFG IDT-71V546S133PFG Datasheet
1,003Kb / 21P
   128K x 36, 3.3V Synchronous SRAM with ZBT??Feature, Burst Counter and Pipelined Outputs
IDT71V546 IDT-IDT71V546 Datasheet
178Kb / 20P
   128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com