Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V2546S Datasheet(PDF) 21 Page - Integrated Device Technology

Part # IDT71V2546S
Description  3.3V Synchronous ZBT SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2546S Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button IDT71V2546S_11 Datasheet HTML 13Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 14Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 15Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 16Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 17Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 18Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 19Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 20Page - Integrated Device Technology IDT71V2546S_11 Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
6.42
IDT71V2546 128K x 36, 3.3V Synchronous ZBT™ SRAM
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
21
IDT and the IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History
12/31/99
Created preliminary datasheet from 71V2556 and 71V2558 datasheets. Changed tCDC, tCLZ,
andtCHZminimumsfrom1.0nsto1.5ns.
03/04/00
Pg. 1,14,15,22
Add 150 MHz speed grade offering
05/02/00
Pg. 5,6
InsertclarificationnotetoRecommendedOperatingTemperatureandAbsoluteMaxRatingstables
Pg. 5,6,7
Clarify note on TQFP and BGA pin configurations; corrected typo in pinout
Pg. 6
Add BGAcapacitancetable
Pg. 21
Add 100 pin TQFP Package Diagram Outline
05/26/00
Pg. 23
Add new package offering, 13 x 15mm 165 fBGA
Correct119BGAPackageDiagramOutline
07/26/00
Pg. 5-8
Add ZZ, sleep mode reference note to BG119, PK100 and BQ165 pinouts
Pg. 8
UpdateBQ165pinout
Pg. 23
UpdateBG119PackageDiagramOutlinedimensions
10/25/00
RemovePreliminarystatusfromdatasheet
Pg. 8
Add reference note to pin N5 on BQ165, reserved for JTAG pin TRST
05/20/02
Pg. 1-8,15,22,23,27
Added JTAG "SA" version functionality and updated ZZ pin descriptions and notes
09/30/04
Pg. 7
Updated pin configuration for the 119 BGA-reordered I/O signals on P6, P7 (128K x 36)
and P7, N6, L6, K7, H6, G7, F6, E7, D6 (256K x 18).
02/23/07
Pg. 27
Added X step die generation to data sheet ordering information.
05/27/10
Pg. 24
Added"Restrictedhazardoussubstancedevice"totheorderinginformation.
04/11/11
Pg. 1-21
Removed 71V2548 (EOL), fBGA 165 pin, and JTAG information.
Pg. 13
Added150MHzdataforIndustrialinformation.
Pg. 20
Added Tape and Reel to Ordering information and updated description of Restricted hazardous
substancedevicetoGreen.
ZBT and ZeroBus Turnaround are trademarks of Integrated Device Technology, Inc. and the architecture is supported by Micron Technology and Motorola Inc.
CORPORATE HEADQUARTERS
for SALES:
6024 Silver Creek Valley Rd
800-345-7015or408-284-8200
San Jose, CA 95138
fax:408-284-2775
www.idt.com
for Tech Support:
sramhelp@idt.com
408-284-4532


Similar Part No. - IDT71V2546S_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546SA100BG IDT-IDT71V2546SA100BG Datasheet
1,004Kb / 28P
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100BGI IDT-IDT71V2546SA100BGI Datasheet
1,004Kb / 28P
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100BQ IDT-IDT71V2546SA100BQ Datasheet
1,004Kb / 28P
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100BQI IDT-IDT71V2546SA100BQI Datasheet
1,004Kb / 28P
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2546SA100PF IDT-IDT71V2546SA100PF Datasheet
1,004Kb / 28P
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
More results

Similar Description - IDT71V2546S_11

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT55L512L18P-1 MICRON-MT55L512L18P-1 Datasheet
497Kb / 30P
8Mb ZBT SRAM
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
8Mb ZBT SRAM
logo
Integrated Device Techn...
IDT71V546 IDT-IDT71V546 Datasheet
178Kb / 20P
128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
IDT71V3548S IDT-IDT71V3548S Datasheet
490Kb / 26P
256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O, Burst Counter Pipelined Outputs
71V546S133PFG IDT-71V546S133PFG Datasheet
1,003Kb / 21P
128K x 36, 3.3V Synchronous SRAM with ZBT??Feature, Burst Counter and Pipelined Outputs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
Synchronous ZBT SRAMs
IDT71V546S IDT-IDT71V546S_08 Datasheet
164Kb / 21P
3.3V Synchronous SRAM
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
3.3V Synchronous ZBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com