Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V546S Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT71V546S
Description  3.3V Synchronous SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V546S Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT71V546S_08 Datasheet HTML 1Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 2Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 3Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 4Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 5Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 6Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 7Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 8Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
©2008 Integrated Device Technology, Inc.
OCTOBER 2008
DSC-3821/05
ZBT and Zero Bus Turnaround are trademarks of Integrated Device Technology, Inc. and the architecture is supported by Micron Technology and Motorola Inc.
Pin Description Summary
Description
The IDT71V546 is a 3.3V high-speed 4,718,592-bit (4.5 Megabit)
synchronous SRAM organized as 128K x 36 bits. It is designed to
eliminate dead bus cycles when turning the bus around between reads
andwrites,orwritesandreads. ThusithasbeengiventhenameZBTTM,
or Zero Bus Turn-around.
Address and control signals are applied to the SRAM during one
Features
128K x 36 memory configuration, pipelined outputs
Supports high performance system speed - 133 MHz
(4.2 ns Clock-to-Data Access)
ZBTTM Feature - No dead cycles between write and read
cycles
Internally synchronized registered outputs eliminate the
need to control OE
Single R/W (READ/WRITE) control pin
Positive clock-edge triggered address, data, and control
signal registers for fully pipelined applications
4-word burst capability (interleaved or linear)
Individual byte write (BW1 - BW4) control (May tie active)
Three chip enables for simple depth expansion
Single 3.3V power supply (±5%)
Packaged in a JEDEC standard 100-pin TQFP package
clock cycle, and two cycles later its associated data cycle occurs, be it
read or write.
TheIDT71V546containsdataI/O,addressandcontrolsignalregis-
ters. Output enable is the only asynchronous signal and can be used to
disabletheoutputsatanygiventime.
A Clock Enable (CEN) pin allows operation of the IDT71V546 to be
suspended as long as necessary. All synchronous inputs are ignored
whenCENishighandtheinternaldeviceregisterswillholdtheirprevious
values.
Therearethreechipenablepins(CE1,CE2,CE2)thatallowtheuser
todeselectthedevicewhendesired. Ifanyoneofthesethreeisnotactive
whenADV/LDislow,nonewmemoryoperationcanbeinitiatedandany
burst that was in progress is stopped. However, any pending data
transfers(readsorwrites)willbecompleted. Thedatabuswilltri-statetwo
cyclesafterthechipisdeselectedorawriteinitiated.
TheIDT71V546hasanon-chipburstcounter. Intheburstmode,the
IDT71V546canprovidefourcyclesofdataforasingleaddresspresented
totheSRAM. TheorderoftheburstsequenceisdefinedbytheLBOinput
pin. TheLBOpinselectsbetweenlinearandinterleavedburstsequence.
The ADV/LD signal is used to load a new external address (ADV/LD =
LOW) or increment the internal burst counter (ADV/LD = HIGH).
TheIDT71V546SRAMutilizesIDT'shigh-performance,high-volume
3.3V CMOS process, and is packaged in a JEDEC standard 14mm x
20mm100-pinthinplasticquadflatpack(TQFP)forhighboarddensity.
IDT71V546S/XS
128K x 36, 3.3V Synchronous
SRAM with ZBT
™ Feature,
Burst Counter and Pipelined Outputs
A0 - A16
Address Inputs
Input
Synchronous
CE1
, CE2, CE2
Three Chip Enables
Input
Synchronous
OE
Output Enable
Input
Asynchronous
R/W
Read/Write Signal
Input
Synchronous
CEN
Clock Enable
Input
Synchronous
BW1, BW2, BW3, BW4
Individual Byte Write Selects
Input
Synchronous
CLK
Clock
Input
N/A
ADV/LD
Advance Burst Address / Load New Address
Input
Synchronous
LBO
Linear / Interleaved Burst Order
Input
Static
I/O0 - I/O31, I/OP1 - I/OP4
Data Input/Output
I/O
Synchronous
VDD
3.3V Power
Supply
Static
VSS
Ground
Supply
Static
3821 tbl 01


Similar Part No. - IDT71V546S_08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V546S100PF IDT-IDT71V546S100PF Datasheet
178Kb / 20P
   128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
IDT71V546S100PFI IDT-IDT71V546S100PFI Datasheet
178Kb / 20P
   128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
More results

Similar Description - IDT71V546S_08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
White Electronic Design...
EDI2DL32256V WEDC-EDI2DL32256V Datasheet
97Kb / 8P
   256Kx32 Synchronous Pipline Burst SRAM 3.3V
logo
Alliance Semiconductor ...
AS7C33512FT18A ALSC-AS7C33512FT18A Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C331FT18A ALSC-AS7C331FT18A Datasheet
512Kb / 19P
   3.3V 1M x 18 Flow-through synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C332MFT18A ALSC-AS7C332MFT18A Datasheet
511Kb / 19P
   3.3V 2M x 18 Flow-through synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com