Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V546S Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT71V546S
Description  3.3V Synchronous SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V546S Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT71V546S_08 Datasheet HTML 3Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 4Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 5Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 6Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 7Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 8Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 9Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 10Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
6.42
7
IDT71V546, 128K x 36, 3.3V Synchronous SRAM with
ZBT
™ Feature, Burst Counter and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Functional Timing Diagram(1)
NOTE:
1. This assumes CEN, CE1, CE2, CE2 are all true.
2. All Address, Control and Data_In are only required to meet set-up and hold time with respect to the rising edge of clock. Data_Out is valid after a clock-to-data
delay from the rising edge of clock.
A37
C37
D/Q35
n+29
A29
C29
D/Q27
ADDRESS
(A0 - A16)
CONTROL
(R
/W, ADV/LD, BWx)
DATA
I/O [0:31], I/O P[1:4]
CYCLE
CLOCK
n+30
A30
C30
D/Q28
n+31
A31
C31
D/Q29
n+32
A32
C32
D/Q30
n+33
A33
C33
D/Q31
n+34
A34
C34
D/Q32
n+35
A35
C35
D/Q33
n+36
A36
C36
D/Q34
(2)
(2)
(2)
3821 drw 03
n+37
A37
C37
D/Q35
,
Interleaved Burst Sequence Table (LBO=VDD)
Linear Burst Sequence Table (LBO=VSS)
NOTE:
1. Upon completion of the Burst sequence the counter wraps around to its initial state and continues counting.
Sequence 1
Sequence 2
Sequence 3
Sequence 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
0
0
0
1
1
0
1
1
Second Address
0
1
0
0
1
1
1
0
Third Address
1
0
1
1
0
0
0
1
Fourth Address(1)
11
1
0
0
1
00
3821 tbl 09
NOTE:
1. Upon completion of the Burst sequence the counter wraps around to its initial state and continues counting.
Sequence 1
Sequence 2
Sequence 3
Sequence 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
0
0
0
1
1
0
1
1
Second Address
0
1
1
0
1
1
0
0
Third Address
1
0
1
1
0
0
0
1
Fourth Address(1)
11
00
0
1
1
0
3821 tbl 10


Similar Part No. - IDT71V546S_08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V546S100PF IDT-IDT71V546S100PF Datasheet
178Kb / 20P
   128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
IDT71V546S100PFI IDT-IDT71V546S100PFI Datasheet
178Kb / 20P
   128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
More results

Similar Description - IDT71V546S_08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
White Electronic Design...
EDI2DL32256V WEDC-EDI2DL32256V Datasheet
97Kb / 8P
   256Kx32 Synchronous Pipline Burst SRAM 3.3V
logo
Alliance Semiconductor ...
AS7C33512FT18A ALSC-AS7C33512FT18A Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C331FT18A ALSC-AS7C331FT18A Datasheet
512Kb / 19P
   3.3V 1M x 18 Flow-through synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C332MFT18A ALSC-AS7C332MFT18A Datasheet
511Kb / 19P
   3.3V 2M x 18 Flow-through synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com