Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V546S Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT71V546S
Description  3.3V Synchronous SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V546S Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT71V546S_08 Datasheet HTML 2Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 3Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 4Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 5Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 6Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 7Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 8Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 9Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
IDT71V546, 128K x 36, 3.3V Synchronous SRAM with
ZBT
™ Feature, Burst Counter and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Synchronous Truth Table(1)
Partial Truth Table for Writes(1)
NOTES:
1. L = VIL, H = VIH, X = Don’t Care.
2. When ADV/LD signal is sampled high, the internal burst counter is incremented. The R/W signal is ignored when the counter is advanced. Therefore the nature of
the burst cycle (Read or Write) is determined by the status of the R/W signal when the first address is loaded at the beginning of the burst cycle.
3. Deselect cycle is initiated when either (CE1, or CE2 is sampled high or CE2 is sampled low) and ADV/LD is sampled low at rising edge of clock. The data bus will
tri-state two cycles after deselect is initiated.
4. When CEN is sampled high at the rising edge of clock, that clock edge is blocked from propogating through the part. The state of all the internal registers and the I/
Os remains unchanged.
5. To select the chip requires CE1 = L, CE2 = L, CE2 = H on these chip enables. Chip is deselected if either one of the chip enables is false.
6. Device Outputs are ensured to be in High-Z after the first rising edge of clock upon power-up.
7. Q - Data read from the device, D - data written to the device.
CEN
R/W
Chip(5)
Enable
ADV/LD
BWx
ADDRESS
USED
PREVIOUIS CYCLE
CURRENT CYCLE
I/O
(2 cycles later)
L
L
Select
L
Valid
External
X
LOAD WRITE
D(7)
L
H
Select
L
X
External
X
LOAD READ
Q(7)
L
X
X
H
Valid
Internal
LOAD WRITE/
BURST WRITE
BURST WRITE
(Advance Burst Counter)(2)
D(7)
L
X
X
H
X
Internal
LOAD READ/
BURST READ
BURST READ
(Advance Burst Counter)(2)
Q(7)
L
X
Deselect
L
X
X
X
DESELECT or STOP(3)
HiZ
L
X
X
H
X
X
DESELECT / NOOP
NOOP
HiZ
H
X
X
X
X
X
X
SUSPEND(4)
Previous Value
3821 tbl 07
NOTES:
1. L = VIL, H = VIH, X = Don’t Care.
2. Multiple bytes may be selected during the same cycle.
Operation
R/W
BW1
BW2
BW3
BW4
READ
H
X
X
X
X
WRITE ALL BYTES
L
L
L
L
L
WRITE BYTE 1 (I/O [0:7], I/OP1)(2)
LL
H
H
H
WRITE BYTE 2 (I/O [8:15], I/OP2)(2)
LH
LH
H
WRITE BYTE 3 (I/O [16:23], I/OP3)(2)
LH
H
L
H
WRITE BYTE 4 (I/O [24:31], I/OP4)(2)
LH
H
H
L
NO WRITE
L
HH
HH
3821 tbl 08


Similar Part No. - IDT71V546S_08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V546S100PF IDT-IDT71V546S100PF Datasheet
178Kb / 20P
   128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
IDT71V546S100PFI IDT-IDT71V546S100PFI Datasheet
178Kb / 20P
   128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
More results

Similar Description - IDT71V546S_08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
White Electronic Design...
EDI2DL32256V WEDC-EDI2DL32256V Datasheet
97Kb / 8P
   256Kx32 Synchronous Pipline Burst SRAM 3.3V
logo
Alliance Semiconductor ...
AS7C33512FT18A ALSC-AS7C33512FT18A Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C331FT18A ALSC-AS7C331FT18A Datasheet
512Kb / 19P
   3.3V 1M x 18 Flow-through synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C332MFT18A ALSC-AS7C332MFT18A Datasheet
511Kb / 19P
   3.3V 2M x 18 Flow-through synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com