Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V546S Datasheet(PDF) 20 Page - Integrated Device Technology

Part # IDT71V546S
Description  3.3V Synchronous SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V546S Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button IDT71V546S_08 Datasheet HTML 13Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 14Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 15Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 16Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 17Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 18Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 19Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 20Page - Integrated Device Technology IDT71V546S_08 Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20
IDT71V546, 128K x 36, 3.3V Synchronous SRAM with
ZBT
™ Feature, Burst Counter and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Timing Waveform of OE Operation(1)
NOTE:
1. A read operation is assumed to be in progress.
Ordering Information
OE
DATA Out
tOHZ
tOLZ
tOE
Valid
3821 drw 11
100 pin Plastic Thin Quad Flatpack (PK100-1)
S
Power
XX
Speed
PF
Package
PF
71V546
133
117
100
Clock Frequency in Megahertz
3821 drw 12
Device
Type
PART NUMBER
SPEED IN MEGAHERTZ
tCD PARAMETER
CLOCK CYCLE TIME
71V546S133PF
71V546S117PF
71V546S100PF
133 MHz
117 MHz
100 MHz
4.2 ns
4.5 ns
5 ns
7.5 ns
8.5 ns
10 ns
Commercial (0°C to +70°C)
Industrial (-40°C to +85°C)
X
Process/
Temperature
Range
Blank
I
X
Restricted hazardous substance device
G
X
X
Current generation die step optional
First or current generation die step
Blank
100 Thin Quad Flatpack Packaging


Similar Part No. - IDT71V546S_08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V546S100PF IDT-IDT71V546S100PF Datasheet
178Kb / 20P
   128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
IDT71V546S100PFI IDT-IDT71V546S100PFI Datasheet
178Kb / 20P
   128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
More results

Similar Description - IDT71V546S_08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
White Electronic Design...
EDI2DL32256V WEDC-EDI2DL32256V Datasheet
97Kb / 8P
   256Kx32 Synchronous Pipline Burst SRAM 3.3V
logo
Alliance Semiconductor ...
AS7C33512FT18A ALSC-AS7C33512FT18A Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C331FT18A ALSC-AS7C331FT18A Datasheet
512Kb / 19P
   3.3V 1M x 18 Flow-through synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C332MFT18A ALSC-AS7C332MFT18A Datasheet
511Kb / 19P
   3.3V 2M x 18 Flow-through synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com