Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71T75702 Datasheet(PDF) 26 Page - Integrated Device Technology

Part # IDT71T75702
Description  Synchronous ZBT SRAMs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71T75702 Datasheet(HTML) 26 Page - Integrated Device Technology

Back Button IDT71T75702_09 Datasheet HTML 18Page - Integrated Device Technology IDT71T75702_09 Datasheet HTML 19Page - Integrated Device Technology IDT71T75702_09 Datasheet HTML 20Page - Integrated Device Technology IDT71T75702_09 Datasheet HTML 21Page - Integrated Device Technology IDT71T75702_09 Datasheet HTML 22Page - Integrated Device Technology IDT71T75702_09 Datasheet HTML 23Page - Integrated Device Technology IDT71T75702_09 Datasheet HTML 24Page - Integrated Device Technology IDT71T75702_09 Datasheet HTML 25Page - Integrated Device Technology IDT71T75702_09 Datasheet HTML 26Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
6.42
26
IDT71T75702, IDT71T75902, 512K x 36, 1M x 18, 2.5V Synchronous ZBT™ SRAMs with
2.5V I/O, Burst Counter and Flow-Through Outputs
Commercial and Industrial Temperature Ranges
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History
Rev
Date
Pages
Description
0
05/25/00
Created Advance Information Datasheet
1
08/24/01
p. 1, 25
Removed reference of BQ165 package
p. 8
Removed page of the 165 BGA pin configuration
p. 24
Removed page of the 165 BGA package diagram outline
2
10/16/01
p. 7
Corrected 3.3V to 2.5V in Note 3
3
12/21/01
p. 5-7
Added clarification to JTAG pins, allow for NC. Added 36M address pin locations
4
05/29/02
p. 21
Corrected 100-pin TQFP package drawing
5
06/07/02
p. 1-4,7,14,21,22 AddedcompleteJTAGfunctionality.
p. 2,14
Added notes for ZZ pin internal pulldown and ZZ leakage current.
p. 14
Updated ISB3 power supply current from 40 to 60mA for all speeds.
6
11/19/02
p.1-26
Changed datasheet from Advanced information to final release.
7
05/23/03
p.5,6,14,15,25
Added I-temp to the datasheet.
p.6
Updated 165 BGA table.
8
04/01/04
p.1
Updated logo with new design.
p.5,6
Clarified ambient and case operating temperatures.
p.7
Updated I/O pin number order for the 119 BGA.
p.24
Updated 119BGA Package Diagram Drawing.
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Rd
800-345-7015 or 408-284-8200
sramhelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
800-345-7015 or
www.idt.com
408/284-4555
02/20/09
p.25
Removed "IDT" from orderable parts number.


Similar Part No. - IDT71T75702_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T75702 IDT-IDT71T75702 Datasheet
636Kb / 26P
   512K x 36, 1M x 18 2.5V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Flow-Through Outputs
More results

Similar Description - IDT71T75702_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com