Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8337ACDB-P8T1G Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S-8337ACDB-P8T1G
Description  SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8337ACDB-P8T1G Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S-8337ACDB-P8T1G Datasheet HTML 10Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 11Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 12Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 13Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 14Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 15Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 16Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 17Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8337/8338 Series
Rev.4.0_01
14
6. Error amplifier
The error amplifier outputs the PWM control signal so that the voltage of the FB pin is held at a specific
value (1 V). By connecting a resistor (RZ) and capacitor (CZ) to the output pin (CC pin) of the error
amplifier in series, an optional loop gain can be set, enabling stabilized phase compensation.
7. Operation
The following are basic equations [(1) through (7)] of the step-up switching regulator (refer to
Figure 10).
D
L
CL
M1
FB
CONT
VIN
EXT
VSS
VOUT
Figure 10 Step-up Switching Regulator Circuit for Basic Equations
Voltage at the CONT pin at the moment M1 is turned ON (current IL flowing through L is zero), VA:
VA
= VS*1……………………………………………………………………………………………….…(1)
*1. VS: Non-saturated voltage of M1
Change in IL over time:
L
V
V
L
V
dt
dl
S
IN
L
L
=
=
…………………………………………………………………………………..…(2)
Integration of the above equation:
t
L
V
V
I
S
IN
L
=
…………………………………………………………………….…………….……(3)
IL flows while M1 is ON (ton). This time is determined by the oscillation frequency of OSC.
Peak current (IPK) after tON:
ON
S
IN
PK
t
L
V
V
I
=
……………………………………………………………………………………(4)
The energy stored in L is represented by
• L(IPK)2.
When M1 is turned OFF (tOFF), the energy stored in L is released via a diode, generating a reverse
voltage (VL).
VL:
() IN
D
OUT
L
V
V
V
V
+
=
*2
……….………………………………………………………..………………(5)
*2. VD: Diode forward voltage
The voltage on the CONT pin rises only by VOUT
+ VD.
1
2


Similar Part No. - S-8337ACDB-P8T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results

Similar Description - S-8337ACDB-P8T1G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
SWITCHING REGULATOR CONTROLLER
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
Switching Regulator Controller
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
Switching Regulator Controller
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com