Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8337ACDB-P8T1G Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-8337ACDB-P8T1G
Description  SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8337ACDB-P8T1G Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-8337ACDB-P8T1G Datasheet HTML 9Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 10Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 11Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 12Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 13Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 14Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 15Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 16Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8337/8338 Series
13
3. Shutdown pin (S-8338 Series only)
This pin stops or starts step-up operations.
Switching the shutdown pin to the “L” level stops operation of all the internal circuits and reduces the
current consumption significantly.
DO NOT use the shutdown pin in a floating state because it is not pulled up or pulled down internally.
DO NOT apply voltage of between 0.3 V and 1.8 V to the shutdown pin because applying such a
voltage increases the current consumption. If the shutdown pin is not used, connect it to the VIN pin.
Table 7
Shutdown Pin
CR Oscillator
Output Voltage
“H”
Operates
Fixed
“L”
Stopped
≅ VIN*1
*1. Voltage of VIN from which the voltage drop from the
DC resistance of the inductor and the forward
voltage of the diode are subtracted
ON/OFF
VIN
VSS
Figure 9
4. Timer latch short-circuit protection function
This IC has a timer latch short-circuit protection circuit that stops the switching operation when the
output voltage drops for a specific time due to output short-circuiting. A capacitor (CSP) that is used
to set the delay time of this short-circuit protection circuit is connected to the CSP pin.
This IC operates at the maximum duty ratio if the output voltage drops due to output short-circuiting.
At the maximum duty ratio, constant-current charging of CSP starts. If this status lasts for a specific
time and the CSP pin voltage rises above the reference voltage (1 V), the latch mode is set. Note that
the latch mode is different from the shutdown status in that the switching operation is stopped but the
internal circuitry operates normally.
To reset the latch operation to protect the IC from short-circuiting, either lower VIN to the timer latch
reset voltage or lower or lower the level of the shutdown pin to “L”. Note that the latch operation is not
reset even if VIN falls below the UVLO voltage.
5. UVLO function
This IC includes a UVLO (under-voltage lockout) circuit to prevent the IC from malfunctioning due to a
transient status when power is applied or a momentary drop of the supply voltage. When UVLO is in
the detection state, switching is stopped and the external FET is held in the off status. Once UVLO
enters the detection state, the soft-start function is reset.
Note that the other internal circuits operate normally and that the status is different from the power-off
status.


Similar Part No. - S-8337ACDB-P8T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results

Similar Description - S-8337ACDB-P8T1G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
SWITCHING REGULATOR CONTROLLER
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
Switching Regulator Controller
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
Switching Regulator Controller
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com