Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8337ACDB-P8T1G Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S-8337ACDB-P8T1G
Description  SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8337ACDB-P8T1G Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S-8337ACDB-P8T1G Datasheet HTML 29Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 30Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 31Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 32Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 33Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 34Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 35Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 36Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8337/8338 Series
33
4. 4 Input voltage fluctuations (VOUT
= 9.2 V, IOUT = 100 mA, RZ = 200 kΩ, CZ = 0.01 μF)
(1) fOSC
= 1133 kHz, VIN = 2.7 V→3.7 V
(2) fOSC
= 1133 kHz, VIN = 3.7 V→2.7 V
–20
–10
0
10
20
time [ms]
9.15
VOUT
[V]
9.20
VIN
[V]
4.0
3.5
3.0
2.5
9.25
9.30
–20
–10
0
10
20
time [ms]
9.15
VOUT
[V]
9.20
VIN
[V]
4.0
3.5
3.0
2.5
9.25
9.30
(3) fOSC
= 700 kHz, VIN = 2.7 V→3.7 V
(4) fOSC
= 700 kHz, VIN = 3.7 V→2.7 V
–20
–10
0
10
20
time [ms]
9.15
VOUT
[V]
9.20
VIN
[V]
4.0
3.5
3.0
2.5
9.25
9.30
–20
–10
0
10
20
time [ms]
9.15
VOUT
[V]
9.20
VIN
[V]
4.0
3.5
3.0
2.5
9.25
9.30
(5) fOSC
= 286 kHz, VIN = 2.7 V→3.7 V
(6) fOSC
= 286 kHz, VIN = 3.7 V→2.7 V
–20
–10
0
10
20
time [ms]
9.15
VOUT
[V]
9.20
VIN
[V]
4.0
3.5
3.0
2.5
9.25
9.30
–20
–10
0
10
20
time [ms]
9.15
VOUT
[V]
9.20
VIN
[V]
4.0
3.5
3.0
2.5
9.25
9.30


Similar Part No. - S-8337ACDB-P8T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results

Similar Description - S-8337ACDB-P8T1G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
SWITCHING REGULATOR CONTROLLER
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
Switching Regulator Controller
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
Switching Regulator Controller
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com