Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8337ACDB-P8T1G Datasheet(PDF) 25 Page - Seiko Instruments Inc

Part # S-8337ACDB-P8T1G
Description  SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8337ACDB-P8T1G Datasheet(HTML) 25 Page - Seiko Instruments Inc

Back Button S-8337ACDB-P8T1G Datasheet HTML 21Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 22Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 23Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 24Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 25Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 26Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 27Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 28Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 29Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8337/8338 Series
25
100
90
80
70
60
50
40
30
20
10
0
−40 −20
0
20
40
60
80
100
Ta [
°C]
MaxDuty
[%]
MaxDuty vs. Ta (VIN
= 3.3 V)
MaxDuty
= 88.5% (ROSC = 200 kΩ, RDuty= 100 kΩ)
MaxDuty
= 77% (ROSC= 200 kΩ, RDuty= 300 kΩ)
MaxDuty
= 47% (ROSC= 200 kΩ, RDuty= 820 kΩ)
tSS vs. Ta (VIN
= 3.3 V)
25.0
20.0
15.0
10.0
5.0
0
−40 −20
0
20
40
60
80
100
Ta [
°C]
tSS
[ms]
tSS
= 10 ms
tSS
= 20 ms
70.0
60.0
50.0
40.0
30.0
20.0
10.0
0
−40 −20
0
20
40
60
80
100
Ta [
°C]
tPRO
[ms]
tPRO vs. Ta (VIN
= 3.3 V)
tPRO
= 50 ms (CSP = 0.1 μF)
VUVLO vs. Ta
2.5
2.0
1.5
1.0
0.5
0
−40 −20
0
20
40
60
80
100
Ta [
°C]
VUVLO
[V]
VUVLO
= 2.3 V
VUVLO
= 1.5 V
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
−40 −20
0
20
40
60
80
100
Ta [
°C]
VUVLOHYS
[V]
VUVLOHYS vs. Ta
VUVLOHYS
= 0.3 V
VUVLOHYS
= 0.1 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
−40 −20
0
20
40
60
80
100
Ta [
°C]
ICCH
[
μA]
ICCH vs. Ta (VIN
= 3.3 V)
100
90
80
70
60
50
40
30
20
10
0
−40 −20
0
20
40
60
80
100
Ta [
°C]
ICCL
[
μA]
ICCL vs. Ta (VIN
= 3.3 V)
1.2
1.0
0.8
0.6
0.4
0.2
0
−40 −20
0
20
40
60
80
100
Ta [
°C]
VRTLT
[V]
VRTLT vs. Ta (VIN
= 3.3 V)


Similar Part No. - S-8337ACDB-P8T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results

Similar Description - S-8337ACDB-P8T1G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
SWITCHING REGULATOR CONTROLLER
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
Switching Regulator Controller
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
Switching Regulator Controller
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com