Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8337ACDB-P8T1G Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S-8337ACDB-P8T1G
Description  SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8337ACDB-P8T1G Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S-8337ACDB-P8T1G Datasheet HTML 17Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 18Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 19Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 20Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 21Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 22Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 23Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 24Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8337/8338 Series
21
6. Short-circuit protection delay time setting capacitor (CSP)
With the S-8337/8338 Series, the short-circuit protection delay time can be set to any value by an
external capacitor. Connect the capacitor across the CSP and VSS pins. Select the capacitance by
using the following equation and referring to Figure 14. However, the following equation and figure
assume that the capacitor value is the desired value and show the theoretical values when the IC is in
the typical conditions. Note that fluctuations of capacitor and IC are not considered.
CSP [
μF]
1.0
tPRO [ms] 2 10
3
120
100
80
60
40
20
0
0
0.10
0.20
0.25
CSP [
μF]
0.05
0.15
Figure 14 CSP vs. tPRO
7. Output voltage setting resistors (RFB1, RBF2)
With the S-8337/8338 Series, the output voltage can be set to any value by external divider resistors.
Connect the divider resistors across the VOUT and VSS pins. Because VFB
= 1 V, the output voltage
can be calculated by this equation.
=
VOUT
RFB2
(RFB1
+ RFB2)
Connect divider resistors RFB1 and RFB2 as close to the IC to minimize effects from of noise. If noise
does have an effect, adjust the values of RFB1 and RFB2 so that RFB1
+ RFB2 < 100 kΩ.
CFB connected in parallel with RFB1 is a capacitor for phase compensation. Select the optimum
value of this capacitor at which the stable operation can be ensured from the values of the inductor
and output capacitor.
8. Phase compensation setting resistor and capacitor (RZ, CZ)
The S-8337/8338 Series needs appropriate compensation for the voltage feedback loop to prevent
excessive output ripple and unstable operation from deteriorating the efficiency. This compensation is
implemented by connecting RZ and CZ in series across the CC and VSS pins. RZ sets the
high-frequency gain for a high-speed transient response. CZ sets the pole and zero of the error
amplifier and keeps the loop stable. Adjust RZ and CZ, taking into consideration conditions such as
the inductor, output capacitor, and load current, so that the optimum transient characteristics can be
obtained.


Similar Part No. - S-8337ACDB-P8T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results

Similar Description - S-8337ACDB-P8T1G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
SWITCHING REGULATOR CONTROLLER
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
Switching Regulator Controller
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
Switching Regulator Controller
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com