Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8337ACDB-P8T1G Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S-8337ACDB-P8T1G
Description  SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8337ACDB-P8T1G Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S-8337ACDB-P8T1G Datasheet HTML 13Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 14Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 15Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 16Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 17Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 18Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 19Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 20Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8337/8338 Series
17
External Parts Selection
1. Inductor
The inductance has a strong influence on the maximum output current (IOUT) and efficiency (
η).
The peak current (IPK) increases by decreasing L and the stability of the circuit improves and IOUT
increases. If L is decreased further, the efficiency falls, and IOUT decreases if the current drive
capability of the external transistor is insufficient.
The loss of IPK by the switching transistor decreases by increasing L and the efficiency becomes
maximum at a certain L value. Further increasing L decrease the efficiency due to the loss of the DC
resistance of the inductor. IOUT also decreases.
If the oscillation frequency is higher, a smaller L value can be chosen, making the inductor smaller. In
the S-8337/8338 Series, the oscillation frequency can be varied within the range of 286 kHz to 1.133
MHz by the external resistor, so select an L value best suited to the frequency. The recommended
value is between 2.2
μH and 22 μH.
When selecting an inductor, note the allowable current of the inductor. If a current exceeding this
allowable current flows through the inductor, magnetic saturation occurs, substantially lowering the
efficiency and increasing the current, which results in damage to the IC.
Therefore, select an inductor so that IPK does not exceed the allowable current. IPK is expressed by
the following equations in the discontinuous mode and continuous mode.
)
mode
ous
discontinu
(
L
fosc
)
V
V
(V
I
2
I
IN
D
OUT
OUT
PK
+
=
..................................................................(17)
mode)
s
(continuou
L
fosc
)
V
(V
2
V
)
V
V
(V
I
V
V
V
I
D
OUT
IN
IN
D
OUT
OUT
IN
D
OUT
PK
+
+
+
+
=
................................................................(18)
fOSC
= Oscillation frequency, VD ≅ 0.4 V.
2. Diode
Use an external diode that meets the following requirements.
• Low forward voltage
• High switching speed
• Reverse breakdown voltage: VOUT + [Spike voltage] or more
• Rated current: IPK or more
3. Capacitors (CIN, CL)
The capacitor on the input side (CIN) can lower the supply impedance and level the input current for
better efficiency. Select CIN according to the impedance of the power supply to be used.
The capacitor on the output side (CL) is used to smooth the output voltage. Select an appropriate
capacitance value based on the I/O conditions and load conditions. A capacitance of 10
μF or more is
recommended.
By adjusting the phase compensation of the feedback loop using the external resistor (RZ) and
capacitor (CZ), a ceramic capacitor can be used as the capacitor on the output side. If a capacitor
whose equivalent series resistance is between 30 m
Ω and 500 mΩ is used as the output capacitor, the
adjustable range of the phase compensation is wider; however, note that other characteristics may be
affected by ripple voltage or other conditions at this time. The optimal capacitor differs depending on
the L value, capacitance value, wiring, and application (output load), so select the capacitor after
performing sufficient evaluation under the actual usage conditions.


Similar Part No. - S-8337ACDB-P8T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results

Similar Description - S-8337ACDB-P8T1G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
SWITCHING REGULATOR CONTROLLER
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
Switching Regulator Controller
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
Switching Regulator Controller
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com