Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8337ACDB-P8T1G Datasheet(PDF) 15 Page - Seiko Instruments Inc

Part # S-8337ACDB-P8T1G
Description  SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8337ACDB-P8T1G Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button S-8337ACDB-P8T1G Datasheet HTML 11Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 12Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 13Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 14Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 15Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 16Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 17Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 18Page - Seiko Instruments Inc S-8337ACDB-P8T1G Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8337/8338 Series
15
Change in current (IL) flowing through the diode into VOUT during tOFF:
L
V
V
V
L
V
dt
dl
IN
D
OUT
L
L
+
=
=
…………………………………………………………..…………………(6)
Integration of the above equation is as follows:
t
L
V
V
V
I
I
IN
D
OUT
PK
L
+
=
…………………………………………………………………………(7)
During tON, energy is stored in L and is not transmitted to VOUT. When receiving output current (IOUT)
from VOUT, the energy of the capacitor (CL) is used. As a result, the pin voltage of CL is reduced, and
goes to the lowest level after M1 is turned ON (tON). When M1 is turned OFF, the energy stored in L is
transmitted via the diode to CL, and the pin voltage of CL rises drastically. Because VOUT is a time
function indicating the maximum value (ripple voltage: Vp-p) when the current flowing through the
diode into VOUT and the load current IOUT match.
Next, this ripple voltage is determined as follows.
IOUT vs t1 (time) from when M1 is turned OFF (after tON) to when VOUT reaches the maximum level:
1
IN
D
OUT
PK
OUT
t
L
V
V
V
I
I
+
=
………………………………………………….………………...…(8)
()
+
=
IN
D
OUT
OUT
PK
1
V
V
V
L
I
I
t
……………………………………………………………...…...(9)
When M1 is turned ON (after tOFF), IL = 0 (when the energy of the inductor is completely transmitted):
Based on equation (7),
PK
OFF
IN
D
OUT
I
t
V
V
V
L
=
+
…………………………………………………………………..………….(10)
When substituting equation (10) for equation (9):
OFF
PK
OUT
OFF
1
t
I
I
t
t
=
…………………………………………………………………………………(11)
Electrical charge
ΔQ1 which is charged in CL during t1:
2
1
IN
D
OUT
1
PK
1
t
0
IN
D
OUT
1
t
0
PK
L
1
t
0
1
t
2
1
L
V
V
V
t
I
tdt
L
V
V
V
dt
I
dt
I
Q
+
=
+
=
=
Δ
……….…...(12)
When substituting equation (12) for equation (9):
()
1
OUT
PK
1
OUT
PK
PK
1
t
2
I
I
t
I
I
2
1
I
Q
+
=
=
Δ
…………………………………………………….…….(13)
A rise voltage (Vp-p) due to
ΔQ1:
1
OUT
PK
L
L
1
p
p
t
2
I
I
C
1
C
Q
V
+
=
Δ
=
…………………………………………………………..……………(14)
When taking into consideration IOUT consumed during t1 and ESR*1 (RESR) of CL:
L
1
OUT
ESR
OUT
PK
1
OUT
PK
L
L
1
p
p
C
t
I
R
2
I
I
t
2
I
I
C
1
C
Q
V
+
+
+
=
Δ
=
…………….………………….(15)
*1.
Equivalent Series Resistance


Similar Part No. - S-8337ACDB-P8T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results

Similar Description - S-8337ACDB-P8T1G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
SWITCHING REGULATOR CONTROLLER
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
Switching Regulator Controller
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
Switching Regulator Controller
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com