Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ODLC-45-350 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # ODLC-45-350
Description  CONSTANT CURRENT MODE OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ODLC-45-350 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  ODLC-45-350 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ODLC-45-350 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ODLC-45-350 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ODLC-45-350 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ODLC-45-350 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ODLC-45-350 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION
File Name:ODLC-45-SPEC 2016-10-26
MODEL
OUTPUT
SETUP TIME
Note.4
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
SHORT CIRCUIT
<0.75mA / 277VAC
20 ~ 90% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
±℃
0.03%/
(0 ~ 40
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
408.8Khrs min.
MIL-HDBK-217F (25
)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated current and 25 of ambient temperature.
2. Please refer to "DRIVING METHODS OF LED MODULE".
3. De rating may be needed under low input voltages. Please
.
-
refer to “STATIC CHARACTERISTIC” sections for details
4. Length of set up time is measured at cold first start. Turning ON/OFF the driver may lead to increase of the set up time.
5. There is no design of short circuit protection for the Auxiliary DC output; this function can not be used when dimming input terminals(DIM+,DIM-)
are short circuit or when it is no load or short circuit at output(Vo+,Vo-).
6. The driver is considered as a component that will be operated in combination with final equipment. Since EMC performance will be
affected by the complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
0.42Kg; 24pcs/ 11Kg/ 0.72CUFT
ENVIRONMENT
SAFETY &
EMC
PROTECTION
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
SAFETY STANDARDS
Compliance to EN55015, EN61000-3-2 Class C (
) ; EN61000-3-3,GB17743,GB17625.1
@load
60%
EMC IMMUNITY
EMC EMISSION
111*77*28.5mm(L*W*H)
Hiccup mode, recovers automatically after fault condition is removed
Compliance to EN61000-4-2,3,4,5,6,8,11; EN61547, light industry level(
)
surge immunity:Line-Line:1KV
UL8750
,CSA C22.2 NO.250.13-12;
(type”HL”)
ENEC EN61347-1 & EN61347-2-13 independent, EN62384,GB19510.1,GB19510.14;
TOTAL HARMONIC DISTORTION
VOLTAGE RANGE Note.3
ODLC-45 -350
ODLC-45 -700
ODLC-45 -1400
350mA
700mA
1400mA
33.25W
44.8W
44.8W
118V
500ms / 230VAC 1200ms/115VAC
47 ~ 63Hz
PF>0.95/115VAC, PF>0.92/230VAC, PF>0.9/277VAC@full load
(Please refer to "POWER FACTOR (PF) CHARACTERISTIC" section)
86%
85%
83%
0.6A/115VAC 0.4A/230VAC
0.3A/277VAC
COLD START 30A(twidth=
s measured at 50% Ipeak) at 230VAC
100
μ; Per NEMA 410
57 ~ 95V
38 ~ 64V
19 ~ 32V
84V
50V
ODLC-45 -500
500mA
45W
85%
54 ~ 90V
115V
ODLC-45 -1050
1050mA
45.15W
84%
26 ~ 43V
63V
RATED CURRENT
RATED POWER
CURRENT TOLERANCE
CONSTANT CURRENT REGION Note.2
OPEN CIRCUIT VOLTAGE(max.)
CURRENT RIPPLE
±7.0%
5% max. @rated current
THD< 20%(@load 60%/230VAC; @load 75%/277VAC)
≧≧
(Please refer to “TOTAL HARMONIC DISTORTION” section)
MAX. No. of PSUs on 16A
CIRCUIT BREAKER
32 units (circuit breaker of type B) / 32 units (circuit breaker of type C) at 230VAC
(Please refer to "STATIC CHARACTERISTIC" section)
90 ~ 295VAC
127 ~ 417VDC
AUXILIARY DC OUTPUT Note.5 Nominal 12V(deviation 11.4~12.6)@50mA for A-Type only
45W Constant Current Mode LED Driver
ODLC-45 series
<0.5W for Blank-Type
NO LOAD POWER CONSUMPTION
WORKING TEMP.
MAX. CASE TEMP.
Tcase=-20 ~ +85
(Please refer to “ OUTPUT LOAD vs TEMPERATURE” section)
Tcase=+85
IP67 approved


Similar Part No. - ODLC-45-350

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-1050 MEANWELL-ODLC-65-A-1050 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-1400 MEANWELL-ODLC-65-A-1400 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-1750 MEANWELL-ODLC-65-A-1750 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-700 MEANWELL-ODLC-65-A-700 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
More results

Similar Description - ODLC-45-350

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
ELG-200-C MEANWELL-ELG-200-C Datasheet
296Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-60 MEANWELL-HBG-60 Datasheet
151Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
FDL-65 MEANWELL-FDL-65 Datasheet
99Kb / 5P
   CONSTANT CURRENT MODE OUTPUT
ELG-240-C MEANWELL-ELG-240-C Datasheet
307Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H MEANWELL-HLG-480H Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com