Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ODLC-45-350 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # ODLC-45-350
Description  CONSTANT CURRENT MODE OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ODLC-45-350 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  ODLC-45-350 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ODLC-45-350 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ODLC-45-350 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ODLC-45-350 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ODLC-45-350 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ODLC-45-350 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
76
78
80
82
84
86
88
90
50%
60%
70%
80%
90%
100%
277V
230V
115V
0
2
4
6
8
10
12
14
16
50%
60%
70%
80%
90%
100%
277V
230V
115V
0.7
0.75
0.8
0.85
0.9
0.95
1
50%
60%
70%
80%
90%
100%
277V
230V
115V
File Name:ODLC-45-SPEC 2016-10-26
LOAD
OUTPUT LOAD vs TEMPERATURE
STATIC CHARACTERISTIC
TOTAL HARMONIC DISTORTION (THD)
POWER FACTOR (PF) CHARACTERISTIC
※De-rating is needed under low input voltage.
EFFICIENCY vs LOAD
ODLC-45 series possess superior working efficiency that up to 86% can
be reached in field applications.
※ 350mA Model,Tcase at 75℃
※ 350mA Model,Tcase at 75℃
LOAD
(45W)
(HORIZONTAL)
-20
-10
0
10
20
30
40
20
40
60
80
100
90~295VAC for 350mA Model,200~295VAC for others
90~200VAC for models other
than 350mA Model
INPUT VOLTAGE (V)
90
295
100
90
80
70
60
50
40
135
180
for others
for 350mA Model
200
LOAD
45W Constant Current Mode LED Driver
ODLC-45 series
CASE TEMPERATURE (
)
(HORIZONTAL)
-20
-10
0
1530456085
20
40
60
80
100
90~295VAC for 350mA Model,200~295VAC for others
90~200VAC for models other
than 350mA Model
AMBIENT TEMPERATURE,Ta (
)
※ Tcase at 75℃
50


Similar Part No. - ODLC-45-350

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-1050 MEANWELL-ODLC-65-A-1050 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-1400 MEANWELL-ODLC-65-A-1400 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-1750 MEANWELL-ODLC-65-A-1750 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-700 MEANWELL-ODLC-65-A-700 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
More results

Similar Description - ODLC-45-350

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
ELG-200-C MEANWELL-ELG-200-C Datasheet
296Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-60 MEANWELL-HBG-60 Datasheet
151Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
FDL-65 MEANWELL-FDL-65 Datasheet
99Kb / 5P
   CONSTANT CURRENT MODE OUTPUT
ELG-240-C MEANWELL-ELG-240-C Datasheet
307Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H MEANWELL-HLG-480H Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com