Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ODLC-45-350 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # ODLC-45-350
Description  CONSTANT CURRENT MODE OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ODLC-45-350 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  ODLC-45-350 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ODLC-45-350 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ODLC-45-350 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ODLC-45-350 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ODLC-45-350 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ODLC-45-350 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
File Name:ODLC-45-SPEC 2016-10-26
fosc : 70KHz
Block Diagram
DIM+
DIM-
DETECTION
CIRCUIT
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
RECTIFIERS
Vo+
Vo-
I/P
CONTROL
&
CURRENT
LIMIT
PWM&PFC
O.L.P.
45W Constant Current Mode LED Driver
ODLC-45 series
DRIVING METHODS OF LED MODULE
※ This series works in constant current mode to directly drive the LEDs.
Typical output current normalized by rated current (%)
In the constant current region, the highest voltage at the output of the driver
depends on the configuration of the end systems.
Should there be any compatibility issues, please contact MEAN WELL.
100
60
(min.)
50
100
Io(%)
Constant
Current area
Hiccup
Protection
AUX+(for A-Type)
AUX-(for A-Type)


Similar Part No. - ODLC-45-350

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-1050 MEANWELL-ODLC-65-A-1050 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-1400 MEANWELL-ODLC-65-A-1400 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-1750 MEANWELL-ODLC-65-A-1750 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65-A-700 MEANWELL-ODLC-65-A-700 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
More results

Similar Description - ODLC-45-350

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
ELG-200-C MEANWELL-ELG-200-C Datasheet
296Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-60 MEANWELL-HBG-60 Datasheet
151Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
FDL-65 MEANWELL-FDL-65 Datasheet
99Kb / 5P
   CONSTANT CURRENT MODE OUTPUT
ELG-240-C MEANWELL-ELG-240-C Datasheet
307Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H MEANWELL-HLG-480H Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com