Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CU20-14 Datasheet(PDF) 2 Page - XP Power Limited

Part # CU20-14
Description  Single Outputs from 3.3 V to 24 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CU20-14 Datasheet(HTML) 2 Page - XP Power Limited

  CU20-14 Datasheet HTML 1Page - XP Power Limited CU20-14 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-Apr-07
Mechanical Details
CU20
Models and Ratings
Output
Power
Output
Voltage(3)
Output Current
Efficiency
(typical)
Model
Number
Nominal
Peak(2)
15 W
3.3 VDC
4.40 A
6.60 A
70%
CU20-00
20 W
5.0 VDC
4.40 A
6.60 A
73%
CU20-10
9.0 VDC
2.44 A
4.00 A
77%
CU20-09
12.0 VDC
1.80 A
2.70 A
80%
CU20-12
15.0 VDC
1.40 A
2.10 A
80%
CU20-13
24.0 VDC
0.92 A
1.40 A
82%
CU20-14
Notes
1. Measured at 20 MHz bandwidth. 3.3 V models are 50 mV maximum.
2. Peak load lasting <30 s with a maximum duty cycle of 10%.
3. Alternative output voltages available. Consult sales.
0.15 (3.81)
N
(-) Vout
(+) Vout
3.20 (81.28)
3.50 (88.90)
L
0.13 (3.30) (4 PL)
weight: 0.220 lb (60 g)
V Adj.
1. All dimensions shown in inches (mm).
2. CU20 input connector mates with Molex housing 09-50-3031 and Molex 2878 series crimp terminal. Output connector mates with
Molex housing 90-50-3041 and Molex 2878 series crimp terminal.
3. CU20 cable harnesses with 300mm wire available. Order part number CU20 LOOM KIT .
4. For mating connectors only, order part number CU20-60 CONKIT .
5. Covers available. Order part number CU20 COVER - 4.02” x 2.52” x 1.34” (102 x 64 x 34mm).
To receive unit with cover fitted, add suffix ‘-C’ to model number.
Notes


Similar Part No. - CU20-14

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CU20-14 XPPOWER-CU20-14 Datasheet
197Kb / 2P
AC-DC Power Supplies
More results

Similar Description - CU20-14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
SL Power Electronics
SC-100 SLPOWER-SC-100 Datasheet
89Kb / 2P
Output voltages from 3.3 V to 48 V
logo
XP Power Limited
VFT80US05 XPPOWER-VFT80US05 Datasheet
517Kb / 2P
Low Cost, Single Outputs from 5 V to 24 V, Peak Load Capability
AED XPPOWER-AED Datasheet
111Kb / 4P
Single Outputs from 5 V to 48 V
ECP XPPOWER-ECP Datasheet
362Kb / 2P
Single Outputs from 3.3 to 48 V
logo
Texas Instruments
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
-3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
logo
XP Power Limited
AML180 XPPOWER-AML180 Datasheet
75Kb / 2P
Single Outputs from 18 V to 48 V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com