Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CU20-14 Datasheet(PDF) 1 Page - XP Power Limited

Part # CU20-14
Description  Single Outputs from 3.3 V to 24 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CU20-14 Datasheet(HTML) 1 Page - XP Power Limited

  CU20-14 Datasheet HTML 1Page - XP Power Limited CU20-14 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
20 Watts
Low Cost
Small Size
Universal Input
Single Outputs from 3.3 V to 24 V
Peak Load Capability
Low Profile
Non standard Outputs Available
CU20 Series
Input
Input Voltage
• 85-264 VAC (120-370 VDC)
Input Frequency
• 47-63 Hz
Input Current
• 0.25 A rms at 230 VAC
Inrush Current
• 20 A at 115 VAC, 40 A at 230 VAC,
cold start +25 şC
Earth Leakage Current
• <1.5 mA
Input Protection
• 2 A fuse
Output
Output Voltage
• See table
Output Voltage Trim
• ±5%
Initial Set Accuracy
• ±1%
Minimum Load
• No minimum load required
Start Up Delay
• 1.5 s max
Start Up Rise Time
• 14 ms max
Hold Up Time
• 16 ms typical at full load & 115 VAC
Drift
• ±0.6%
Line Regulation
• ±0.5% max
Load Regulation
• ±1.0% max
Transient Response
• 4% max deviation, recovery to within
1% in 500 µs for 25% load change
Ripple & Noise
• 1% max pk-pk (see note 1)
Overvoltage Protection
• 130-150% of Vnom, recycle input to reset
Short Circuit Protection
• Trip and restart (Hiccup mode)
Temperature
• 0.05%/˚C
Coefficient
xppower.com
General
Efficiency
• Measured with 230 VAC & 100% load
(See table)
Isolation
• 3000 VAC Input to Output
1500 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• 67 kHz typical
Power Density
• 3.91 W/In3
MTBF
• >500 kHrs per MIL-HDBK-217F
(15 & 24 V units >400 kHrs)
Environmental
Operating Temperature
• 0 ˚C to +65 ˚C, derate from 100% load at
+45 ˚C to 0% at +65 ˚C
Cooling
• Convection-cooled
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -20 ˚C to +85 ˚C
Operating Altitude
• 3000 m
Vibration
• 10 Hz to 500 Hz, 2 g for 10 mins/cycle
60 min each cycle
EMC & Safety
Emissions
• FCC20780 Level B,
EN55022 Class B conducted
ESD Immunity
• EN61000-4-2, level 3, Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 3, Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2, Perf Criteria A
Surge
• EN61000-4-5, level 3, Perf Criteria A
Conducted Immunity
• EN61000-4-6, 10 V, Perf Criteria A
Dips & interruptions
• EN61000-4-11, 30% 10 ms,
60% 1000 ms, 100% 5000 ms,
Perf Criteria A, B, B
Safety Approvals
• EN60950-1, UL60950-1,
CSA22.2 No. 60950-1, CE Mark LVD


Similar Part No. - CU20-14

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CU20-14 XPPOWER-CU20-14 Datasheet
197Kb / 2P
AC-DC Power Supplies
More results

Similar Description - CU20-14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
SL Power Electronics
SC-100 SLPOWER-SC-100 Datasheet
89Kb / 2P
Output voltages from 3.3 V to 48 V
logo
XP Power Limited
VFT80US05 XPPOWER-VFT80US05 Datasheet
517Kb / 2P
Low Cost, Single Outputs from 5 V to 24 V, Peak Load Capability
AED XPPOWER-AED Datasheet
111Kb / 4P
Single Outputs from 5 V to 48 V
ECP XPPOWER-ECP Datasheet
362Kb / 2P
Single Outputs from 3.3 to 48 V
logo
Texas Instruments
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
-3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
logo
XP Power Limited
AML180 XPPOWER-AML180 Datasheet
75Kb / 2P
Single Outputs from 18 V to 48 V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com