Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4083B Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # U4083B
Description  Low-Power Audio Amplifier for Telephone Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4083B Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button U4083B Datasheet HTML 2Page - TEMIC Semiconductors U4083B Datasheet HTML 3Page - TEMIC Semiconductors U4083B Datasheet HTML 4Page - TEMIC Semiconductors U4083B Datasheet HTML 5Page - TEMIC Semiconductors U4083B Datasheet HTML 6Page - TEMIC Semiconductors U4083B Datasheet HTML 7Page - TEMIC Semiconductors U4083B Datasheet HTML 8Page - TEMIC Semiconductors U4083B Datasheet HTML 9Page - TEMIC Semiconductors U4083B Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
U4083B
TELEFUNKEN Semiconductors
Rev. A2, 07-Apr-97
Preliminary Information
6 (11)
0.1
1
10
10
20
30
40
50
60
f ( kHz )
100
C1w1 mF
C1 = 0.1 mF
C2 = 5 mF
C1 = 0
93 7799 e
Figure 5.
0.1
1
10
10
20
30
40
50
60
f ( kHz )
100
C1w5 mF
C1 = 0.1 mF
C2 = 1 mF
C1 = 0
C1 = 1 mF
93 7800 e
Figure 6.
0.1
1
10
5
15
25
35
45
55
f ( kHz )
100
C1w5 mF
C1 = 0.1 mF
C2 = 0
C1 = 1 mF
93 7801 e
Figure 7.
0
30
60
90
120
0
200
400
600
800
1000
PL ( 150 mW )
150
VS = 12 V
6 V
3V
RL = 8 W
93 7802 e
1200
180
Figure 8.
0
100
200
300
0
200
400
600
800
1000
400
VS = 16 V
6 V
3V
RL = 16 W
12 V
93 7803 e
PL ( 150 mW )
1200
Figure 9.
0
100
200
300
400
0
200
400
600
800
1000
500
VS = 16 V
6 V
3V
RL = 32 W
12 V
600
1200
93 7804 e
PL ( 150 mW )
Figure 10.


Similar Part No. - U4083B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4083B ATMEL-U4083B Datasheet
516Kb / 15P
   Low-power Audio Amplifier for Telephone Applications
U4083B-MFPG3Y ATMEL-U4083B-MFPG3Y Datasheet
516Kb / 15P
   Low-power Audio Amplifier for Telephone Applications
U4083B-MFPY ATMEL-U4083B-MFPY Datasheet
516Kb / 15P
   Low-power Audio Amplifier for Telephone Applications
More results

Similar Description - U4083B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4083B ATMEL-U4083B Datasheet
516Kb / 15P
   Low-power Audio Amplifier for Telephone Applications
logo
Toshiba Semiconductor
2SC2458 TOSHIBA-2SC2458 Datasheet
179Kb / 4P
   Audio Amplifier Applications Low Noise Audio Amplifier Applications
2SK369-BL TOSHIBA-2SK369-BL Datasheet
358Kb / 5P
   For Low Noise Audio Amplifier Applications
2SK3320Y TOSHIBA-2SK3320Y Datasheet
312Kb / 5P
   For Low Noise Audio Amplifier Applications
2SA1313-Y TOSHIBA-2SA1313-Y Datasheet
198Kb / 4P
   Audio Frequency Low Power Amplifier Applications
2SC3325-Y TOSHIBA-2SC3325-Y Datasheet
144Kb / 4P
   Audio Frequency Low Power Amplifier Applications
2SC2859Y TOSHIBA-2SC2859Y Datasheet
141Kb / 3P
   Audio Frequency Low Power Amplifier Applications
2SC2710 TOSHIBA-2SC2710_03 Datasheet
116Kb / 3P
   For Audio Amplifier Applications
logo
Fairchild Semiconductor
KSC2328AYTA FAIRCHILD-KSC2328AYTA Datasheet
45Kb / 4P
   Audio Power Amplifier Applications
logo
Toshiba Semiconductor
2SA950 TOSHIBA-2SA950_07 Datasheet
304Kb / 3P
   Audio Power Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com