Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4083B Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # U4083B
Description  Low-Power Audio Amplifier for Telephone Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4083B Datasheet(HTML) 5 Page - TEMIC Semiconductors

  U4083B Datasheet HTML 1Page - TEMIC Semiconductors U4083B Datasheet HTML 2Page - TEMIC Semiconductors U4083B Datasheet HTML 3Page - TEMIC Semiconductors U4083B Datasheet HTML 4Page - TEMIC Semiconductors U4083B Datasheet HTML 5Page - TEMIC Semiconductors U4083B Datasheet HTML 6Page - TEMIC Semiconductors U4083B Datasheet HTML 7Page - TEMIC Semiconductors U4083B Datasheet HTML 8Page - TEMIC Semiconductors U4083B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
U4083B
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A2, 07-Apr-97
5 (11)
Typical Temperature Performance
Tamb = –20 to +70°C
Function
Typical Change
Units
Input bias current at Vi
"40
pA/
°C
Total harmonic distortion
VS = 6.0 V, RL = 32
W, Po = 125 mW,
f = 1.0 kHz
+ 0.003
%/
°C
Power supply current
VS = 3.0 V, RL =
T, CD = 0 V
VS = 3.0 V, RL =
T, CD = 2.0 V
– 2.5
– 0.03
mA/ °C
mA/ °C
0
2
468
0
60
120
180
240
300
C2 ( mF )
10
360
C1 = 5 mF
VS switching from 0 to + 6 V
1
mF
94 7838 e
Figure 1.
0.1
1
10
100
0
20
40
60
80
100
f ( kH )
1000
72.67
79.33
86.00
92.67
99.33
66.00
Phase
Gain
94 7839 e
Figure 2.
Input
Ci
Ri
Rf
VO1
VO2
Outputs
Amp 1
Amp 2
0.1
mF
01
10
0
8
16
24
32
40
100
Rf = 150 kW
Rf = 75 kW
Ri = 3 kW
93 7797 e
Ri = 6 kW
Figure 3.
0.1
1
10
10
20
30
40
50
60
f ( kHz )
100
C1w1 mF
C1 = 0.1 mF
C2 = 10 mF
C1 = 0
93 7798 e
Figure 4.


Similar Part No. - U4083B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4083B ATMEL-U4083B Datasheet
516Kb / 15P
   Low-power Audio Amplifier for Telephone Applications
U4083B-MFPG3Y ATMEL-U4083B-MFPG3Y Datasheet
516Kb / 15P
   Low-power Audio Amplifier for Telephone Applications
U4083B-MFPY ATMEL-U4083B-MFPY Datasheet
516Kb / 15P
   Low-power Audio Amplifier for Telephone Applications
More results

Similar Description - U4083B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4083B ATMEL-U4083B Datasheet
516Kb / 15P
   Low-power Audio Amplifier for Telephone Applications
logo
Toshiba Semiconductor
2SC2458 TOSHIBA-2SC2458 Datasheet
179Kb / 4P
   Audio Amplifier Applications Low Noise Audio Amplifier Applications
2SK369-BL TOSHIBA-2SK369-BL Datasheet
358Kb / 5P
   For Low Noise Audio Amplifier Applications
2SK3320Y TOSHIBA-2SK3320Y Datasheet
312Kb / 5P
   For Low Noise Audio Amplifier Applications
2SA1313-Y TOSHIBA-2SA1313-Y Datasheet
198Kb / 4P
   Audio Frequency Low Power Amplifier Applications
2SC3325-Y TOSHIBA-2SC3325-Y Datasheet
144Kb / 4P
   Audio Frequency Low Power Amplifier Applications
2SC2859Y TOSHIBA-2SC2859Y Datasheet
141Kb / 3P
   Audio Frequency Low Power Amplifier Applications
2SC2710 TOSHIBA-2SC2710_03 Datasheet
116Kb / 3P
   For Audio Amplifier Applications
logo
Fairchild Semiconductor
KSC2328AYTA FAIRCHILD-KSC2328AYTA Datasheet
45Kb / 4P
   Audio Power Amplifier Applications
logo
Toshiba Semiconductor
2SA950 TOSHIBA-2SA950_07 Datasheet
304Kb / 3P
   Audio Power Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com