Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4083B Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # U4083B
Description  Low-Power Audio Amplifier for Telephone Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4083B Datasheet(HTML) 1 Page - TEMIC Semiconductors

  U4083B Datasheet HTML 1Page - TEMIC Semiconductors U4083B Datasheet HTML 2Page - TEMIC Semiconductors U4083B Datasheet HTML 3Page - TEMIC Semiconductors U4083B Datasheet HTML 4Page - TEMIC Semiconductors U4083B Datasheet HTML 5Page - TEMIC Semiconductors U4083B Datasheet HTML 6Page - TEMIC Semiconductors U4083B Datasheet HTML 7Page - TEMIC Semiconductors U4083B Datasheet HTML 8Page - TEMIC Semiconductors U4083B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
U4083B
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A2, 07-Apr-97
1 (11)
Low-Power Audio Amplifier for Telephone Applications
Description
The integrated circuit, U4083B, is a low power audio
amplifier for a telephone loudspeaker. It has differential
speaker outputs to maximize the output swing at low
supply voltages. There is no need for coupler capacitors.
The U4083B has an open loop gain of 80 dB whereas the
closed loop gain is adjusted with two external resistors. A
chip disable pin permits powering down and/or muting
the input signal.
Features
D Wide operating voltage range: 2 to 16 V
D Battery powered application due to low quiescent
supply current: 2.7 mA typical
D Chip disable input to power down the integrated
circuit
D Low power down quiescent current
D Drives a wide range of speaker loads
D Output Power, Po = 250 mW @ RL = 32 W (speaker)
D Low harmonic distortion (0.5% typical)
D Wide range gain adjustable: 0 dB to 46 dB
Benefits
D Low number of external components
D Low current consumption
Block Diagram / Application Circuit
0.1 F
+
+
4 k
4 k
125 k
50 k
50 k
Amp.1
Amp.2
Bias
circuit
V
S
6
5
8
VO1
VO2
1
CD
GND
7
4
Vi
3
2
Rf
75 k
Ri
3 k
C
i
Input
C2
5 F
C1
1 F
93 7781 e
W
W
W
W
W
W
W
m
m
m
FC1
FC2
Figure 1.
Order Information
Extended Type Number
Package
Remarks
U4083B-AFP
SO8
U4083B-AFPG3
SO8
Taped and reeled


Similar Part No. - U4083B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4083B ATMEL-U4083B Datasheet
516Kb / 15P
Low-power Audio Amplifier for Telephone Applications
U4083B-MFPG3Y ATMEL-U4083B-MFPG3Y Datasheet
516Kb / 15P
Low-power Audio Amplifier for Telephone Applications
U4083B-MFPY ATMEL-U4083B-MFPY Datasheet
516Kb / 15P
Low-power Audio Amplifier for Telephone Applications
More results

Similar Description - U4083B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2458 TOSHIBA-2SC2458 Datasheet
179Kb / 4P
Audio Amplifier Applications Low Noise Audio Amplifier Applications
2SA950 TOSHIBA-2SA950_07 Datasheet
304Kb / 3P
Audio Power Amplifier Applications
logo
ATMEL Corporation
U4083B ATMEL-U4083B Datasheet
516Kb / 15P
Low-power Audio Amplifier for Telephone Applications
logo
Toshiba Semiconductor
2SC2710 TOSHIBA-2SC2710_03 Datasheet
116Kb / 3P
For Audio Amplifier Applications
logo
Fairchild Semiconductor
KSC2328AYTA FAIRCHILD-KSC2328AYTA Datasheet
45Kb / 4P
Audio Power Amplifier Applications
logo
Toshiba Semiconductor
2SK369-BL TOSHIBA-2SK369-BL Datasheet
358Kb / 5P
For Low Noise Audio Amplifier Applications
2SA1313-Y TOSHIBA-2SA1313-Y Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications
2SC2859Y TOSHIBA-2SC2859Y Datasheet
141Kb / 3P
Audio Frequency Low Power Amplifier Applications
2SC3325-Y TOSHIBA-2SC3325-Y Datasheet
144Kb / 4P
Audio Frequency Low Power Amplifier Applications
2SK3320Y TOSHIBA-2SK3320Y Datasheet
312Kb / 5P
For Low Noise Audio Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com