Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-011037 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-011037
Description  Tape and reel packaging available
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-011037 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABA-011037 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-011037 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-011037 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-011037 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E-Series RF 1:4 Transmission Line Step-up Transformer
2-1000 MHz
Rev. V2
2
22
MABA-011037
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Typical Performance Curves at +25°C
-5
-4
-3
-2
-1
0
0
200
400
600
800
1000
MHz
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
MHz
-10
-6
-2
2
6
10
0
200
400
600
800
1000
MHz
-0.5
-0.3
-0.1
0.1
0.3
0.5
0
200
400
600
800
1000
MHz


Similar Part No. - MABA-011037

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011030 MA-COM-MABA-011030 Datasheet
813Kb / 5P
   Transformer, 1:1 Transmission Line 46MHz - 1002MHz
MABA-011031 MA-COM-MABA-011031 Datasheet
658Kb / 5P
   Transformer, 1:1 Transmission Line 5MHz - 1200MHz
MABA-011032 MA-COM-MABA-011032 Datasheet
642Kb / 5P
   Transformer, 1:3 40 MHz - 1000MHz
MABA-011038 MA-COM-MABA-011038 Datasheet
824Kb / 6P
   1:3 Step up Flux Coupled Balun Transformer
MABA-011039 MA-COM-MABA-011039 Datasheet
782Kb / 6P
   Excellent temperature stability
More results

Similar Description - MABA-011037

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007082 MA-COM-MAAD-007082 Datasheet
825Kb / 8P
   Tape and Reel Packaging Available
MAAD-007083 MA-COM-MAAD-007083 Datasheet
787Kb / 5P
   Tape and Reel Packaging Available
MAADCC0006 MA-COM-MAADCC0006_15 Datasheet
799Kb / 6P
   Tape and Reel Packaging Available
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0686 AVAGO-MSA-0686 Datasheet
68Kb / 4P
   Tape-and-Reel Packaging Available
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
   Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
   Tape and reel packaging
May 2014 Rev 5
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2 Datasheet
1Mb / 2P
   Tape and reel packaging
logo
Connor-Winfield Corpora...
EC277 CONNOR-WINFIELD-EC277 Datasheet
462Kb / 2P
   Tape and Reel Packaging
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com