Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230017003 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 230017003
Description  D-Sub Filter Adapter 500V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

230017003 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  230017003 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATE
FILE
REV
BY
EDV NO
Date
Checked
Drawn
Name
A4
Scale
DESCRIPTION
Position
SIZE
Projection
Drawing.- No.
D-Sub Filter Adapter 500V
230017003
230017003.dft
10-06-17
Jelisarow
DSubFilter
1:1
System :Solid Edge V20
WE
eiSos
CAD
Würth Elektronik eiSos GmbH & Co KG
D-74638 Waldenburg
Max-Eyth-Straße 1
Technical Characteristics
Materials:
Insulator: Thermoplastic UL94 V-0 black
Contact: Copper alloy
Contact finish: 0,2u Au over nickel
Shell: steel tin plated
Characteristics:
Working voltage: 100 V
Current rating: 5A
Contact resistance: max. 10 MOHM
Insulation resistance: > 1 GOHM
Temperature range: -55°- 125°C
tolerances ± 0,1
± 0,2
± 0,2
± 0,3
> 0,5
up to 3
> 3 up
to 6
> 6 up
to 30
> 30 up
to 120
General tolerances
Capacitor value 1000 pF


Similar Part No. - 230017003

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
23001706 HUBERSUHNER-23001706 Datasheet
824Kb / 2P
   Corrugated, 50 Ohm, 18 GHz, 85°C, ø7.6 mm, LSFH jacket
More results

Similar Description - 230017003

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
234017003 WURTH-234017003 Datasheet
125Kb / 1P
   D-Sub Filter Adapter 500V
236017003 WURTH-236017003 Datasheet
97Kb / 1P
   D-Sub Filter Adapter 500V
232017003 WURTH-232017003 Datasheet
86Kb / 1P
   D-Sub Filter Adapter 15 pol 1000 pF - 500V
230016003 WURTH-230016003 Datasheet
95Kb / 1P
   D-Sub Filter Adapter
logo
CONEC Elektronische Bau...
243A10050X CONEC-243A10050X Datasheet
87Kb / 1P
   D-SUB C-FILTER ADAPTER
24311720X CONEC-24311720X Datasheet
89Kb / 1P
   D-SUB HD FILTER ADAPTER
logo
Wurth Elektronik GmbH &...
234016003 WURTH-234016003 Datasheet
299Kb / 5P
   WE-D-SUB Filter Adapter
001.001
236016003 WURTH-236016003 Datasheet
301Kb / 5P
   WE-D-SUB Filter Adapter
001.001
232016003 WURTH-232016003 Datasheet
99Kb / 1P
   D-Sub Filter Adapter 15 pol. 1000 pF
logo
CONEC Elektronische Bau...
24-012203 CONEC-24-012203 Datasheet
1,023Kb / 1P
   D-SUB C-Filter Adapter 37pos. Male / Female
22.11.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com