Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T9E Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # T9E
Description  PCB and PCB/quick connect terminals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T9E Datasheet(HTML) 1 Page - TE Connectivity Ltd

  T9E Datasheet HTML 1Page - TE Connectivity Ltd T9E Datasheet HTML 2Page - TE Connectivity Ltd T9E Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
02-2014, Rev. 0214
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
High Power PCB Relays
Power PCB Relay T9E
Coil Data (continued)
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
W
Code D (1W) coil
6
6
4.5
0.6
36
1
9
9
6.75
0.9
81
1
12
12
9
1.2
144
1
18
18
13.5
1.8
324
1
22
22
16.5
2.2
484
1
24
24
18
2.4
576
1
48
48
36.2
4.8
2304
1
110
110
82.5
11
12100
1
Code L (900mW) coil
6
6
4.5
0.6
40
.9
12
12
9
1.2
155
.9
18
18
13.5
1.8
380
.9
24
24
18
2.4
660
.9
All figures are given for coil without preenergization, at ambient temperature +23°C.
Insulation Data
Initial dielectric strength
between open contacts
1500V
rms
between contact and coil
2500V
rms
Initial surge withstand voltage
between contact and coil
6kV (1.2μs/50μs impulse wave)
Initial insulation resistance
between insulated elements
1x109
Clearance/creepage
between contact and coil
≥3mm/4mm
Coil operating ranges shown above are for 1W coils.
n
1 pole 30A, 1 formA(NO) or 1 formC(CO)
n
High breaking capacity 7500 VA
n
PCB and PCB/quick connect terminals
n
UL class F insulation as standard
n
Ambient temperature up to 105°C
n
Plastic materials according to IEC60335-1
Typical applications
HVAC, power supplies, domestic appliances, measurement and control.
Approvals
VDE 40027903, UL E58304
Technical data of approved types on request.
Contact Data
Contact arrangement
1 form A (NO)
1 form C (CO)
Rated voltage
240VAC
Max. switching voltage
250VAC (VDE); 300VAC (UL)
Rated current
30A
20A/10A
Limiting continuous current
30A
Breaking capacity max.
7500VA
5000/2500VA
Contact material
AgSnOInO (AgCdO optional)
Min. recommended contact load
1A, 5VDC or 12VAC
Initial contact resistance
75 mΩ at 1A at 5VDC or 12VAC
Frequency of operation, with/without load
6/120min-1
Operate/release time max., including bounce
15/15ms
Contact ratings
Type Contact
Load
Cycles
IEC 61810
AgSnOInO, 1W coil
1
NO
30A, 250VAC, cos
j=1, 60°C
20x103
1
NO
20A, 250VAC, cos
j=1, 85°C
100x103
2
NO
20A, 250VAC, cos
j=1, 70°C
100x103
1, 2
CO
20A / 10A, 250VAC, cos
j=1, 60°C
20x103
AgSnOInO, 900mW coil
1
NO
17A, 250VAC, cos
j=1, 105°C
100x103
1
NO
20A, 250VAC, cos
j=1, 85°C
100x103
EN 60730-1
AgSnOInO, 1W coil
1
NO
12(12)A, 240VAC, 60°C
100x103
UL 508 1)
AgSnOInO, 1W coil
1, 2
NO
30A, 240VAC, general purpose, 25°C
100x103
AgSnOInO, 900mW coil
1, 2
NO
TV-8, 125VAC, 25°C
25x103
1) Additional UL 508 ratings are available.
Mechanical endurance
10x106 ops.
Coil Data
Coil voltage range
6 to 110VDC
Max. coil power
110% of nominal
Max. coil temperature
155°C
Coil insulation system according UL
Class F


Similar Part No. - T9E

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
T9E TP-LINK-T9E Datasheet
6Mb / 7P
Touch Screen Wi-Fi Gigabit Router
More results

Similar Description - T9E

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2572 SCHURTER-2572 Datasheet
386Kb / 3P
IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
logo
Molex Electronics Ltd.
0197054001 MOLEX4-0197054001 Datasheet
119Kb / 2P
PCB Tab Quick Disconnect
logo
List of Unclassifed Man...
V4NSYRUL ETC2-V4NSYRUL Datasheet
371Kb / 4P
solder, 2,8 mm faston and PCB terminals
logo
Schurter Inc.
2570 SCHURTER-2570 Datasheet
385Kb / 5P
IEC Appliance Inlet C8, Solder, PCB or Quick-connect Terminal
2572 SCHURTER-2572_18 Datasheet
377Kb / 5P
IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
2572_1810 SCHURTER-2572_1810 Datasheet
388Kb / 5P
IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
2572 SCHURTER-2572_21 Datasheet
390Kb / 5P
IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
2570 SCHURTER-2570_V01 Datasheet
399Kb / 5P
IEC Appliance Inlet C8, Solder, PCB or Quick-connect Terminal
05.01.2022
2572 SCHURTER-2572_V01 Datasheet
390Kb / 5P
IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
05.01.2022
GS21 SCHURTER-GS21 Datasheet
552Kb / 4P
IEC Socket-Outlet 400 VDC, Snap-in Mounting, Front Side, Quick-connect or PCB Terminals
05.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com