Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8--21000--8 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 8--21000--8
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

8--21000--8 Datasheet(HTML) 6 Page - TE Connectivity Ltd

  8--21000--8 Datasheet HTML 1Page - TE Connectivity Ltd 8--21000--8 Datasheet HTML 2Page - TE Connectivity Ltd 8--21000--8 Datasheet HTML 3Page - TE Connectivity Ltd 8--21000--8 Datasheet HTML 4Page - TE Connectivity Ltd 8--21000--8 Datasheet HTML 5Page - TE Connectivity Ltd 8--21000--8 Datasheet HTML 6Page - TE Connectivity Ltd 8--21000--8 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
408- 10051
Rev C
6
of 7
9. To crimp the other half of butt splice, reposition
uncrimped end of splice in the stationary die and
follow the same procedure used to crimp the first
half of splice.
Be sure to re--assemble locator onto stationary
die after crimping PLASTI--GRIP butt splices.
10. Inspect the crimp according to Section 5.
5. CRIMP INSPECTION
Inspect crimped terminals and splices by checking the
features described in Figure 7. Use only the terminals
and splices that meet the conditions shown in the
“ACCEPT” column.
6. MAINTENANCE/INSPECTION
To avoid personal injury, always remove the
battery from the tool before performing
maintenance or inspection procedures.
Each crimping die is thoroughly inspected before
packaging. Since there is a possibility of damage
during shipment, the crimping die should be inspected
immediately upon arrival at your facility.
Regular inspections should be performed by quality
control personnel. A record of scheduled inspections
should remain with the dies and/or be supplied to
supervisory personnel responsible for the dies.
Though recommendations call for at least one
inspection a month, the inspection frequency should
be based on the amount of use, ambient working
conditions, operator training and skill, and established
company standards.
6.1. Daily Maintenance
It is recommended that each operator of the dies be
made aware of—and responsible for—the following
steps of daily maintenance:
1. Remove dust, dirt, and other contaminants with
a clean brush, or a soft, lint--free cloth. Do NOT
use objects that could damage the dies.
2. Make certain the dies are protected with a THIN
coat of any good SAE 20 motor oil. Do not oil
excessively.
3. When the dies are not in use, mate them and
store in a clean, dry area.
6.2. Visual Inspection
1. Remove all lubrication and accumulated film by
immersing the dies in a suitable commercial
degreaser that will not affect paint or plastic
material.
2. Make sure all die components are in place. If
replacements are necessary, refer to the
replacement parts listed in Figure 10.
3. Check components for wear. Remove and
replace worn components.
4. Inspect the crimp area for flattened, chipped,
cracked, worn, or broken areas. If damage is
evident, the dies must be repaired before returning
them to service (see Section 7, REPLACEMENT
AND REPAIR).
6.3. Gaging the Crimping Chamber
The die closure inspection is accomplished using plug
gages. A suggested gage design and the GO and
NO--GO diameters of the plug gage elements are
shown in Figure 8. The following procedure is
recommended for inspecting the die closures.
1. Mate the dies until it is evident that they have
bottomed. Hold the dies in this position.
NO--GO Diameter
GO Diameter
Suggested Plug Gage Design
Die Closure Configuration
25.4 [1.00]
(Min Typ)
CRIMPING DIE
GAGE ELEMENT DIAMETER
CRIMPING DIE
GO
NO--GO
1901006--1
5.105--5.113
[.2010--.2013]
5.255--5.258
[.2069--.2070]
1901007--1
6.020--6.027
[.2370--.2373]
6.170--6.172
[.2429--.2430]
Figure 8
2. Align the GO element with the crimping
chamber. Push element straight into the crimping
chamber without using force. The GO element
must pass completely through the crimping
chamber as shown in Figure 9.
3. Align the NO--GO element and try to insert it
straight into the crimping chamber. The NO--GO
element may start entry but must not pass
completely through as shown in Figure 9.
If the crimping chamber conforms to the gage
inspection, the crimping die is considered
dimensionally correct and should be lubricated with a
THIN coat of SAE 20 motor oil. If not, the dies must
be repaired before returning them to service (see
Section 7, REPLACEMENT AND REPAIR).
For additional information concerning the use of a
plug gage, refer to Instruction Sheet 408--7424.
NOTE
DANGER


Similar Description - 8--21000--8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10324 MACOM-408-10324 Datasheet
239Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-9935 MACOM-408-9935 Datasheet
247Kb / 6P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-9359 TEC-408-9359 Datasheet
210Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-9039 MACOM-408-9039 Datasheet
103Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
411-3236 MACOM-411-3236 Datasheet
216Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-6561 TEC-408-6561 Datasheet
110Kb / 4P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-1216 TEC-408-1216 Datasheet
91Kb / 2P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-10110 TEC-408-10110 Datasheet
191Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-8377 MACOM-408-8377 Datasheet
249Kb / 6P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-8607 MACOM-408-8607 Datasheet
247Kb / 6P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9240 MACOM-408-9240 Datasheet
85Kb / 3P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com