Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT-QFN-3013 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # GT-QFN-3013
Description  Wide temperature range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

GT-QFN-3013 Datasheet(HTML) 2 Page - Ironwood Electronics.

  GT-QFN-3013 Datasheet HTML 1Page - Ironwood Electronics. GT-QFN-3013 Datasheet HTML 2Page - Ironwood Electronics. GT-QFN-3013 Datasheet HTML 3Page - Ironwood Electronics. GT-QFN-3013 Datasheet HTML 4Page - Ironwood Electronics. GT-QFN-3013 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
15.225±0.125 Socket base size
12.725±0.050 (x4)
0.8500±0.0250 THRU
1.7000 THRU
3.75±0.03
3.75±0.03
4.53±0.03
3.8225
4.2500
15.725±0.125
Backing plate size
K
A1 corner
0.025 A B
B
A
0.22±0.03 (X130)
0.26±0.03 (X130)
0.52±0.03
0.45±0.03
DETAIL K
SCALE 20 : 1
Target PCB Recommendations
Total thickness: 1.6mm ± 10%
Pads: Hard Gold, ENIPIG,
RoHS HASL
Hard Gold spec:
50 Micro-Inches Gold over
200 Micro -Inches Nickel over
1/2-1 Oz copper
PCB Pad height: 0.0015" or
lower solder mask thickness
is acceptable.
Copper defined solder mask
and SMBOC is recommended
PCB IC foot print pads to match
the size and configuration of
LGA211 IC
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 11/23/2015
Material: Material <not specified>
Finish: N/A
Weight: 9.33
GT-QFN-3013 Drawing
SCALE: 6:1
SHEET: 2 OF 5
ENG: V. Panavala
FILE: GT-QFN-3013 Dwg
DRAWN BY: M. Raske


Similar Part No. - GT-QFN-3013

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
GT-QFN-3010 IRONWOOD-GT-QFN-3010 Datasheet
446Kb / 4P
Easily removable swivel socket lid
GT-QFN-3011 IRONWOOD-GT-QFN-3011 Datasheet
390Kb / 4P
Easily removable swivel socket lid
More results

Similar Description - GT-QFN-3013

ManufacturerPart #DatasheetDescription
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
Wide Temperature Range
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-6211T AVAGO-ACFL-6211T Datasheet
308Kb / 13P
Automotive Wide Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
Wide operation temperature range
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
Wide temperature range
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
Wide operating temperature range
Rev D
logo
Xtaltq Technologies Co....
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
Wide Temperature Range
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
Wide Temperature Range
Mar.27, 2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com