Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT-QFN-3013 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # GT-QFN-3013
Description  Wide temperature range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

GT-QFN-3013 Datasheet(HTML) 3 Page - Ironwood Electronics.

  GT-QFN-3013 Datasheet HTML 1Page - Ironwood Electronics. GT-QFN-3013 Datasheet HTML 2Page - Ironwood Electronics. GT-QFN-3013 Datasheet HTML 3Page - Ironwood Electronics. GT-QFN-3013 Datasheet HTML 4Page - Ironwood Electronics. GT-QFN-3013 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
9.6000
9.6000
Pin 1 corner
0.1 C
A
B
0.705±0.070
V
V
0.2 C
0.08 C
C
0.22±0.03 (x130)
3.75 4.4
4.4
3.75
4.435 (x3)
4.4350 (x3)
0.25
0.50
4.53 (x4)
0.26±0.03
0.52±0.03
4.07 (x4)
W
SECTION V-V
0.0125±0.0125
DETAIL W
SCALE 40 : 1
LGA PAd surface
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Compatible LGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 11/23/2015
Material: Material <not specified>
Finish: N/A
Weight: 9.33
GT-QFN-3013 Drawing
SCALE: 6:1
SHEET: 3 OF 5
ENG: V. Panavala
FILE: GT-QFN-3013 Dwg
DRAWN BY: M. Raske


Similar Part No. - GT-QFN-3013

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
GT-QFN-3010 IRONWOOD-GT-QFN-3010 Datasheet
446Kb / 4P
Easily removable swivel socket lid
GT-QFN-3011 IRONWOOD-GT-QFN-3011 Datasheet
390Kb / 4P
Easily removable swivel socket lid
More results

Similar Description - GT-QFN-3013

ManufacturerPart #DatasheetDescription
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
Wide Temperature Range
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-6211T AVAGO-ACFL-6211T Datasheet
308Kb / 13P
Automotive Wide Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
Wide operation temperature range
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
Wide temperature range
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
Wide operating temperature range
Rev D
logo
Xtaltq Technologies Co....
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
Wide Temperature Range
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
Wide Temperature Range
Mar.27, 2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com