Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGT-1 Datasheet(PDF) 3 Page - TT Electronics.

Part # RGT-1
Description  Stable thick-film technology
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

RGT-1 Datasheet(HTML) 3 Page - TT Electronics.

  RGT-1 Datasheet HTML 1Page - TT Electronics. RGT-1 Datasheet HTML 2Page - TT Electronics. RGT-1 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Thick Film Temperature
Compensation Resistor
RGT Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
IRC Type
Size
2 sizes available
TCR
(-3000 ppm)
Resistance Value
Tolerance
RoHS Compliant Option
G = 2%, J = 5%, K = 10%)
Ordering Data
RGT
2
-3000 1002
G
LF
Thick Film Temperature
Compensation Resistor
Linearity
1.4
1.6
1.2
1.0
.8
.6
-50
Temperature (°C)
0
50 100 150 200
RGT Series Issue December 2008 Sheet 3 of 3
Make Possible
10.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - RGT-1

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT00TS65D ROHM-RGT00TS65D Datasheet
733Kb / 12P
   650V 50A Field Stop Trench IGBT
RGT16BM65D ROHM-RGT16BM65D Datasheet
943Kb / 13P
   650V 8A Field Stop Trench IGBT
RGT16NL65D ROHM-RGT16NL65D Datasheet
1Mb / 13P
   650V 8A Field Stop Trench IGBT
RGT16NS65D ROHM-RGT16NS65D Datasheet
846Kb / 12P
   650V 8A Field Stop Trench IGBT
RGT16TM65D ROHM-RGT16TM65D Datasheet
1Mb / 13P
   650V 8A Field Stop Trench IGBT
More results

Similar Description - RGT-1

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LRZ TTELEC-LRZ Datasheet
474Kb / 3P
   thick film copper technology
logo
Vishay Siliconix
LTO50 VISHAY-LTO50 Datasheet
90Kb / 4P
   Power Resistor Thick Film Technology
Revision 26-Mar-07
LTO050F1R000JTE3 VISHAY-LTO050F1R000JTE3 Datasheet
109Kb / 4P
   Power Resistor Thick Film Technology
Revision: 16-Oct-08
RTO50 VISHAY-RTO50 Datasheet
121Kb / 4P
   Power Resistor, Thick Film Technology
Revision 14-Jan-05
LTO100 VISHAY-LTO100_V01 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
LTO-50 VISHAY-LTO-50 Datasheet
102Kb / 5P
   Power Resistor Thick Film Technology
Revision: 09-Dec-15
LTO100 VISHAY-LTO100_15 Datasheet
103Kb / 5P
   Power Resistor Thick Film Technology
Revision: 08-Dec-14
LTO100 VISHAY-LTO100 Datasheet
90Kb / 4P
   Power Resistor Thick Film Technology
Revision: 26-Mar-07
LTO050F50R00JTE3 VISHAY-LTO050F50R00JTE3 Datasheet
91Kb / 5P
   Power Resistor Thick Film Technology
Revision: 22-Jan-14
RTO20 VISHAY-RTO20 Datasheet
97Kb / 4P
   Power Resistors Thick Film Technology
Revision: 05-Jun-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com