Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF3F-L Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF3F-L
Description  SUBMINUATURE HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF3F-L Datasheet(HTML) 3 Page - Hongfa Technology

  HF3F-L_17 Datasheet HTML 1Page - Hongfa Technology HF3F-L_17 Datasheet HTML 2Page - Hongfa Technology HF3F-L_17 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ebl\eZbf^k
Ta^ li^\b_b\Zmbhg bl _hk k^_^k^g\^ hger4 S^^ mh ,T^kfbgheh`r Zg] Hnb]^ebg^l, _hk fhk^ bg_hkfZmbhg4 Si^\b_b\Zmbhgl ln[c^\m mh \aZg`^ pbmahnm ghmb\^4
W^ \hne] ghm ^oZenZm^ Zee ma^ i^k_hkfZg\^ Zg] Zee ma^ iZkZf^m^kl _hk ^o^kr ihllb[e^ Ziieb\Zmbhg4 Tanl ma^ nl^k lahne] [^ bg Z kb`am ihlbmbhg mh
\ahhl^ ma^ lnbmZ[e^ ikh]n\m _hk ma^bk hpg Ziieb\Zmbhg4 J_ ma^k^ bl Zgr jn^kr2 ie^Zl^ \hgmZ\m Ihg`_Z _hk ma^ m^\agb\Ze l^kob\^4 Ihp^o^k2 bm bl ma^ nl^kwl
k^lihglb[bebmr mh ]^m^kfbg^ pab\a ikh]n\m lahne] [^ nl^] hger4
t XbZf^g Ihg`_Z Fe^\mkhZ\hnlmb\ Dh42 Lm]4 Bee kb`aml h_ Ihg`_Z Zk^ k^l^ko^]4
9OSKFH
74 R^eZr bl hg ma^ xk^l^my hk ,l^m, lmZmnl pa^g [^bg` k^e^Zl^] _khf lmh\d2 pbma ma^ \hglb]^kZmbhg h_ lah\d kbl^g _khf mkZglbm Zg] k^eZr fhngmbg`2 k^eZr
phne] [^ \aZg`^] mh xl^my hk ,k^l^m, lmZmnl2 ma^k^_hk^2 pa^g Ziieb\Zmbhg / \hgg^\mbg` ma^ ihp^k lniier02 ie^Zl^ k^l^m ma^ k^eZr mh xl^my hk xk^l^my
lmZmnl hg k^jn^lm4
84 Jg hk]^k mh fZbgmZbg xl^my hk xk^l^my lmZmnl2 ^g^k`bs^] ohemZ`^ mh \hbe lahne] k^Z\a ma^ kZm^] ohemZ`^2 bfinel^ pb]ma lahne] [^ fhk^ maZg 766 fl4
Eh ghm ^g^k`bs^ ohemZ`^ mh xl^my \hbe Zg] xk^l^my \hbe lbfnemZg^hnler4 Bg] Zelh ehg` ^g^k`bs^] mbf^ /fhk^ maZg 7 fbg0 lahne] [^ Zohb]^]4
94 K^^i ma^ ikh]n\m ZpZr _khf lmkhg` fZ`g^mb\ _b^e] ]nkbg` mkZglihkmZmbhg2 lmhkZ`^ Zg] Ziieb\Zmbhg2 mh Zohb] \aZg`^ h_ l^m5k^l^m ohemZ`^4
SmZg]Zk] PheZkbmr
R^fZkd@ 70 Jg \Zl^ h_ gh mhe^kZg\^ lahpg bg hnmebg^ ]bf^glbhg@ hnmebg^ ]bf^glbhg Y7ff2 mhe^kZg\^ lahne] [^ u648ffA hnmebg^ ]bf^glbhg \7ff
Zg] Y;ff2 mhe^kZg\^ lahne] [^ u649ffA hnmebg^ ]bf^glbhg \;ff2 mhe^kZg\^ lahne] [^ u64:ff4
80 Ta^ mhe^kZg\^ pbmahnm bg]b\Zmbg` _hk PDC eZrhnm bl ZepZrl u647ff4
/Chmmhf ob^p0
779
7 Ghkf D
7 Ghkf B
7 Ghkf D
7 Ghkf B
R^o^kl^ PheZkbmr
/Chmmhf ob^p0
8 \hbel eZm\abg`
7 Ghkf D
7 \hbe eZm\abg`
SmZg]Zk] PheZkbmr
7 Ghkf D
7 Ghkf B
R^o^kl^ PheZkbmr
8 \hbel eZm\abg`
7 Ghkf B
7 Ghkf D
7 Ghkf B
:?>7692 16829=6:9=| A6<694 16.4<.8 .91 ;0 /:.<1 7.C:?>
Ugbm@ ff
Wbkbg` EbZ`kZf
PDC LZrhnm
S^m
R^l^m
1
3 1
3
S^m
R^l^m
1
3 1
3
S^m
R^l^m
1
3 1
3
S^m
R^l^m
1
3 1
3
8
94:
7848
794>
8
94:
7848
794>
S^m
R^l^m
3
1
3
S^m
R^l^m
3
1
3
;
3v749
<
3v749
S^m
R^l^m
1
3
1
S^m
R^l^m
1
3
1


Similar Part No. - HF3F-L_17

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF3F-L HONGFA-HF3F-L Datasheet
55Kb / 3P
SUBMINIATURE HIGH POWER LATCHING RELAY
More results

Similar Description - HF3F-L_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
HIGH POWER LATCHING RELAY
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
HF32FV-G HONGFA-HF32FV-G_17 Datasheet
65Kb / 3P
SUBMINUATURE INTERMEDIATE POWER RELAY
HF32FV-G HONGFA-HF32FV-G Datasheet
65Kb / 3P
SUBMINUATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com