Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF3F-L Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF3F-L
Description  SUBMINUATURE HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF3F-L Datasheet(HTML) 1 Page - Hongfa Technology

  HF3F-L_17 Datasheet HTML 1Page - Hongfa Technology HF3F-L_17 Datasheet HTML 2Page - Hongfa Technology HF3F-L_17 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IONHGB RFLBY
3HESTQHR
JSO?6672 JSO5TS7<?:? 2 JSO7:6672 OISBS7>6672 JFDQ QD 6>6666 DFRTJGJFE
867< R^o4 7467
Eb^e^\mkb\
lmk^g`ma
Sah\d k^lblmZg\^
PeZlmb\l^Ze^]2
Genq ikhh_^]
778
Dhglmkn\mbhg
Fe^\mkb\Ze ^g]nkZg\^
7 \hbe eZm\abg`@ Biikhq4 64:W
8 \hbel eZm\abg`@ Biikhq4 64>W
Dhbe ihp^k
* FOKL LESFJKNI
+ FOKLR LESFJKNI
@12
NO@76B 8==58;6578;VBD2 R^lblmbo^ Zm <6
NO@ SmZg]Zk] [ZeeZlm ;4;B 8==58865786VBD Zm <6
NO@ Fe^\mkhgb\ [ZeeZlm ;B2 786VBD Zm <6
NO@ Tng`lm^g /bg\Zg]^l\^gm0 7;B 786VBD Zm <6
NO@ Tng`lm^g /bg\Zg]^l\^gm0 ;B 8==VBD Zm <6
NO@ 75<IP 8:65786VBD Zm >;
NO@ 76B 8;6VBD2 R^lblmbo^2 Zm >;
NO5ND@ ;B 8;6VBD2 R^lblmbo^2 Zm >;
?7~0?7
Gbe^ Nh4@ F79:;7=
7IT@ < q 769 OPS /7;B 786VBD2
Jg\Zg]^l\^gm eZfi2 Zm <6Z2
7l hg ;?l h__0
7q76: OPS /76B 8==VBD2
R^lblmbo^ ehZ]2 Zm <6Z2 7lhg?l h__0
Gbe^ Nh4@DQD7;668787:=;
Gbe^ Nh4@:66:6=;=
53,3}7
=?/8696.>?<2 5645 ;:A2< 7.>05694 <27.C
7D
766f fZq4/Zm 7B <VED0
B`SgO8
76B 8==VBD596VED
8==VBD 5 96VED
76B
8==6VB 5 966W
7q76=OPS
DhgmZ\m ZkkZg`^f^gm
DhgmZ\m k^lblmZg\^
DhgmZ\m fZm^kbZe
DhgmZ\m kZmbg` /R^l4 ehZ]0
MZq4 lpbm\abg` ohemZ`^
MZq4 lpbm\abg` \nkk^gm
MZq4 lpbm\abg` ihp^k
M^\aZgb\Ze ^g]nkZg\^
7B
0:9>.0> 1.>.
0:67 1.>.
Zm 89
JglneZmbhg k^lblmZg\^
C^mp^^g \hbe . \hgmZ\ml
C^mp^^g hi^g \hgmZ\ml
S^m mbf^ /Zm ghfb4 ohem40
R^l^m mbf^ /Zm ghfb4 ohem40
Gng\mbhgZe
E^lmkn\mbo^
Vb[kZmbhg k^lblmZg\^
Infb]bmr
Bf[b^gm m^fi^kZmnk^
T^kfbgZmbhg
Ugbm p^b`am
766M /Zm ;66VED0
8666VBD 7fbg
=;6VBD 7fbg
>fl fZq4
;fl fZq4
?>f5l8
?>6f5l8
76Is mh ;;Is 74;ff EB
;- mh >;- RI
3:6 mh >;
PDC
Biikhq4 ?`
05.<.0>2<6=>60=
7;B
0:67
NhfbgZe
VhemZ`^
VED
Pnel^
Wb]ma
/fl0
fbg4
;
<
?
78
8:
:>
<84;q /7 76-0
?6q /7 76-0
8684;q /7 76-0
9<6q /7 76-0
7::6q /7 76-0
;=<6q /7 76-0
S^m
VhemZ`^
VED
fZq4
:46
:4>
=48
?4<
7?48
R^l^m
VhemZ`^
VED
fZq4
766
766
766
766
766
9>4:
:46
:4>
=48
?4<
7?48
9>4:
766
NhfbgZe
VhemZ`^
VED
Pnel^
Wb]ma
/fl0
fbg4
;
<
?
78
8:
:>
S^m
VhemZ`^
VED
fZq4
:46
:4>
=48
?4<
7?48
R^l^m
VhemZ`^
VED
fZq4
766
766
766
766
766
9>4:
:46
:4>
=48
?4<
7?48
9>4:
766
Dhbe
R^lblmZg\^
Dhbe
R^lblmZg\^
974;1974;q /7 76-0
:;1:;q /7 76-0
7674;17674;q /7 76-0
7>617>6q /7 76-0
=861=86q /7 76-0
8>>618>>6q /7 76-0
[ Sn[fbgbZmnk^ ab`a ihp^k eZm\abg` k^eZr
[ Lhp \hbe ihp^k
7 \hbe eZm\abg`@ Ziikhq4 64:W
8 \hbel eZm\abg`@ Ziikhq4 64>W
[ 7;B lpbm\abg` \ZiZ[bebmr
[ 7 Ghkf B Zg] 7 Ghkf D \hg_b`nkZmbhgl
[ Sn[fbgbZmnk^2 lmZg]Zk] PDC eZrhnm
[ PeZlmb\l^Ze^] Zg] _enq ikhh_^] mri^l ZoZbeZ[e^
[ Fgobkhgf^gmZe _kb^g]er ikh]n\m /RhIS \hfiebZgm0
[ Onmebg^ Ebf^glbhgl@ /7?46 q 7;48 q 7;4;0 ff
=.32>C .;;<:@.7 <.>694=
MZq4
VhemZ`^
VED
76
78
7>
8:
?<
:>
MZq4
VhemZ`^
VED
76
78
7>
8:
?<
:>
9OSHR- 70 Ghk l^Ze^] mri^2 ma^ o^gm3ahe^ \ho^k lahne] [^ ^q\bl^]4
80 Ta^ ]ZmZ lahpg Z[ho^ Zk^ bgbmbZe oZen^l4
@
12
9OSHR- 70 Bee oZen^l ngli^\b_b^] Zk^ Zm khhf m^fi^kZmnk^4
80 Oger mrib\Ze ehZ]l Zk^ eblm^] Z[ho^4 Oma^k ehZ] li^\b_b\Zmbhgl
\Zg [^ ZoZbeZ[e^ nihg k^jn^lm4


Similar Part No. - HF3F-L_17

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF3F-L HONGFA-HF3F-L Datasheet
55Kb / 3P
SUBMINIATURE HIGH POWER LATCHING RELAY
More results

Similar Description - HF3F-L_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
HIGH POWER LATCHING RELAY
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
HF32FV-G HONGFA-HF32FV-G_17 Datasheet
65Kb / 3P
SUBMINUATURE INTERMEDIATE POWER RELAY
HF32FV-G HONGFA-HF32FV-G Datasheet
65Kb / 3P
SUBMINUATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com