Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF32FV Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF32FV
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF32FV Datasheet(HTML) 3 Page - Hongfa Technology

  HF32FV_17 Datasheet HTML 1Page - Hongfa Technology HF32FV_17 Datasheet HTML 2Page - Hongfa Technology HF32FV_17 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fcm]f[cg_l
Ub_ mj_]c`c][ncih cm `il l_`_l_h]_ ihfs5 T__ ni ,U_lgchifias [h^ Ioc^_fch_m, `il gil_ ch`ilg[ncih5 Tj_]c`c][ncihm mo\d_]n ni ]b[ha_ qcnbion hinc]_5
X_ ]iof^ hin _p[fo[n_ [ff nb_ j_l`ilg[h]_ [h^ [ff nb_ j[l[g_n_lm `il _p_ls jimmc\f_ [jjfc][ncih5 Ubom nb_ om_l mbiof^ \_ ch [ lcabn jimcncih ni
]biim_ nb_ mocn[\f_ jli^o]n `il nb_cl iqh [jjfc][ncih5 K` nb_l_ cm [hs ko_ls3 jf_[m_ ]ihn[]n Jiha`[ `il nb_ n_]bhc][f m_lpc]_5 Jiq_p_l3 cn cm nb_ om_lym
l_mjihmc\cfcns ni ^_n_lgch_ qbc]b jli^o]n mbiof^ \_ om_^ ihfs5
u Yc[g_h Jiha`[ Gf_]nli[]iomnc] Ei53 Mn^5 Cff lcabnm i` Jiha`[ [l_ l_m_lp_^5
0Dinnig pc_q1
S_g[leA 81 Kh ][m_ i` hi nif_l[h]_ mbiqh ch ionfch_ ^cg_hmcihA ionfch_ ^cg_hmcih X8gg3 nif_l[h]_ mbiof^ \_ v759ggB ionfch_ ^cg_hmcih Z8gg
[h^ X<gg3 nif_l[h]_ mbiof^ \_ v75:ggB ionfch_ ^cg_hmcih Z<gg3 nif_l[h]_ mbiof^ \_ v75;gg5
91 Ub_ nif_l[h]_ qcnbion ch^c][ncha `il QED f[sion cm [fq[sm v758gg5
:1 Ub_ qc^nb i` nb_ alc^^cha cm 95<;gg5
0Dinnig pc_q1
NCYKNVN TXKUEJKOI QPXGS
Eihn[]n Wifn[a_ 0W1
GOFVSCOEG EVSWG
EPKM UGNQGSCUVSG SKTG
Eihn[]n Eoll_hn0C1
75?
75;
8?5;
75:
8759
75;<r75;<
Q_l]_hn[a_ P` Oigch[f Eicf Wifn[a_
9
:
;
87
;77
977
877
:77
87
<7
<
FE
S_mncncp_
fi[^
CE
S_mncncp_
fi[^
8>=5470 /4607<487<| @4;472 /4,2;,6 ,7/ 9. -8,;/ 5,B8>=
Ponfch_ Fcg_hmcihm
Xclcha Fc[al[g
QED M[sion
VhcnA gg
`\]_^
;FKCOI+
85 E[lp_ CA mn[h^[l^
E[lp_ DA m_hmcncp_
95 U_mncha ]ih^cncihmA
Tn[h^[l^A `for jlii`_^3 l_mcmncp_ fi[^3
<C 9<7WCE3 [n liig n_gj5 8m ih @m i``5
T_hmcncp_A `for jlii`_^3 l_mcmncp_ fi[^3
:C 9<7WCE3 [n liig n_gj5 8m ih @m i``5
=FPQHLG DMLEHQHMLP+
Tn[h^[l^A <C [n ?< 5
T_hmcncp_A :C [n ?<
Niohncha ^cmn[h]_A <gg
87
7
<7
89
:
;
<
=
C
D
887
7
877
@7
?7
897
8:7
Tn[h^[l^
97
:7
;7
<7
=7
>7
T_hmcncp_
;4x85:
95<;
895>
@=
0Dinnig pc_q1


Similar Part No. - HF32FV_17

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV-16 HONGFA-HF32FV-16 Datasheet
57Kb / 3P
SUBMINIATURE HIGH POWER RELAY
More results

Similar Description - HF32FV_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com