Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1222 Datasheet(PDF) 14 Page - Asahi Kasei Microsystems

Part # AK1222
Description  900Mhz low Power Mixer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1222 Datasheet(HTML) 14 Page - Asahi Kasei Microsystems

Back Button AK1222_17 Datasheet HTML 10Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 11Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 12Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 13Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 14Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 15Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 16Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 17Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 18Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
[AK1222]
MS1314-E-02
2014/10
- 14 -
6. LO input power vs. IIP3, NF, IP1dB, Gain
Figure 9. LO input power vs. IIP3, NF, IP1dB, Gain
Note 1) AK1222 supports -5dBm to 5dBm LO input power.
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
-20
-15
-10
-5
0
5
10
Lo Input Level [dBm]
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
-20
-15
-10
-5
0
5
10
Lo Input Level [dBm]
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
-20
-15
-10
-5
0
5
10
Lo Input Level [dBm]
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-20
-15
-10
-5
0
5
10
Lo Input Level [dBm]
BIAS=22kΩ
BIAS=56kΩ
BIAS=22kΩ
BIAS=56kΩ
BIAS=22kΩ
BIAS=56kΩ
BIAS=22kΩ
BIAS=56kΩ
LO Input Level [dBm]
LO Input Level [dBm]
LO Input Level [dBm]
LO Input Level [dBm]


Similar Part No. - AK1222_17

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
900MHz Low Power Mixer
More results

Similar Description - AK1222_17

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2495 RFMD-RF2495 Datasheet
1Mb / 6P
900MHZ 3V LOW CURRENT LNA/MIXER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
900MHz Low Noise Mixer
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
900MHz Low Power Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
900MHz High Linearity Mixer
logo
RF Micro Devices
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
900MHz Low Noise Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
900Mhz High Linearity Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com