Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1222 Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part # AK1222
Description  900Mhz low Power Mixer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1222 Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AK1222_17 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 9Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 10Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 11Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 12Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 13Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 14Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 15Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
[AK1222]
MS1314-E-02
2014/10
- 12 -
4. RF input frequency vs. IIP3, NF, IP1dB, Gain
Figure 7. RF input frequency vs. IIP3, NF, IP1dB, Gain
Note 1) AK1222 supports 100MHz to 900MHz RF Input.
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
100
200 300 400 500
600 700 800 900 1000
RF Frequency [MHz]
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
100 200 300 400 500
600 700 800 900 1000
RF Frequency [MHz]
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
100
200 300 400 500
600 700 800 900 1000
RF Frequency [MHz]
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
100 200 300 400 500
600 700 800 900 1000
RF Frequency [MHz]
BIAS=22kΩ
BIAS=56kΩ
BIAS=22kΩ
BIAS=56kΩ
BIAS=22kΩ
BIAS=56kΩ
BIAS=22kΩ
BIAS=56kΩ


Similar Part No. - AK1222_17

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
   900MHz Low Power Mixer
More results

Similar Description - AK1222_17

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
   900MHz Low Power Mixer
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
   900MHz Low Noise Mixer
logo
RF Micro Devices
RF2495 RFMD-RF2495 Datasheet
1Mb / 6P
   900MHZ 3V LOW CURRENT LNA/MIXER
logo
Asahi Kasei Microsystem...
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
   900MHz High Linearity Mixer
logo
RF Micro Devices
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Asahi Kasei Microsystem...
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
logo
RF Micro Devices
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com