Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1222 Datasheet(PDF) 33 Page - Asahi Kasei Microsystems

Part # AK1222
Description  900Mhz low Power Mixer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1222 Datasheet(HTML) 33 Page - Asahi Kasei Microsystems

Back Button AK1222_17 Datasheet HTML 25Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 26Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 27Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 28Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 29Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 30Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 31Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 32Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 33Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
2014/10
Related Parts
Part#
Discription
Comments
Mixer
AK1220
100MHz~900MHz High Linearity Down Conversion Mixer
IIP3:+22dBm
AK1222
100MHz~900MHz Low Power Down Conversion Mixer
IDD:2.9mA
AK1224
100MHz~900MHz Low Noise, High Liniarity Down Conversion Mixer
NF:8.5dB, IIP3:+18dBm
AK1228
10MHz~2GHz Up/Down Conversion Mixer
3V Supply, NF:8.5dB
AK1221
0.7GHz~3.5GHz
High Linearity Down Conversion Mixer
IIP3:+25dBm
AK1223
3GHz~8.5GHz High Linearity Down Conversion Mixer
IIP3:+13dB, NF:15dB
PLL Synthesizer
AK1541
20MHz~600MHz Low Power Fractional-N Synthesizer
IDD:4.6mA
AK1542A
20MHz~600MHz Low Power Integer-N Synthesizer
IDD:2.2mA
AK1543
400MHz~1.3GHz Low Power Fractional-N Synthesizer
IDD:5.1mA
AK1544
400MHz~1.3GHz Low Power Integer-N Synthesizer
IDD:2.8mA
AK1590
60MHz~1GHz Fractional-N Synthesizer
IDD:2.5mA
AK1545
0.5GHz~3.5GHz Integer-N Synthesizer
16-TSSOP
AK1546
0.5GHz~3GHz Low Phase Noise Integer-N Synthesizer
Normalized C/N:-226dBc/Hz
AK1547
0.5GHz~4GHz Integer-N Synthesizer
5V Supply
AK1548
1GHz~8GHz Low Phase Noise Integer-N Synthesizer
Normalized C/N:-226dBc/Hz
IFVGA
AK1291
100~300MHz Analog Signal Control IF VGA w/ RSSI
Dynamic Range:30dB
integrated VCO
AK1572
690MHz~4GHz Down Conversion Mixer with Frac.-N PLL and VCO
IIP3:24dBm, -111dBc/Hz@100kHz
AK1575
690MHz~4GHz Up Conversion Mixer with Frac.-N PLL and VCO
IIP3:24dBm, -111dBc/Hz@100kHz
IF Reciever (2nd Mixer + IF BPF + FM Detector)
AK2364
Built-in programmable AGC+BPF, FM detector IC
IFBPF:
10kHz ~ 4.5kHz
AK2365A
Built-in programmable AGC+BPF, IFIC
IFBPF:
7.5kHz ~ 2kHz
Analog BB for PMR/LMR
AK2345
C
CTCSS Filter, Encoder, Decoder
24-VSOP
AK2360/
AK2360A
Inverted frequency(3.376kHz/3.020kHz) scrambler
8-SON
AK2363
MSK Modem/DTMF Receiver
24-QFN
AK2346B
0.3-2.55/3.0kHz Analog audio filter,
Emphasis, Compandor, scrambler, MSK Modem
24-VSOP
AK2346A
24-QFN
AK2347B
0.3-2.55/3.0kHz Analog audio filter
Emphasis, Compandor, scrambler, CTCSS filter
24-VSOP
AK2347A
24-QFN
Function IC
AK2330
8-bit 8ch Electronic Volume
VREF can be selected for each
channel
AK2331
8-bit 4ch Electronic Volume
VREF can be selected for each
channel
Asahi Kasei Microdevices Corporation (“AKM”) reserves the right to make changes to the information contained in this document
without notice. When you consider any use or application of AKM product stipulated in this document, please make inquiries the
sales office of AKM or authorized distributors as to current status of the Products.


Similar Part No. - AK1222_17

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
900MHz Low Power Mixer
More results

Similar Description - AK1222_17

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2495 RFMD-RF2495 Datasheet
1Mb / 6P
900MHZ 3V LOW CURRENT LNA/MIXER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
900MHz Low Noise Mixer
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
900MHz Low Power Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
900MHz High Linearity Mixer
logo
RF Micro Devices
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
900MHz Low Noise Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
900Mhz High Linearity Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com