Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1222 Datasheet(PDF) 26 Page - Asahi Kasei Microsystems

Part # AK1222
Description  900Mhz low Power Mixer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1222 Datasheet(HTML) 26 Page - Asahi Kasei Microsystems

Back Button AK1222_17 Datasheet HTML 22Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 23Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 24Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 25Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 26Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 27Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 28Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 29Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 30Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
[AK1222]
MS1314-E-02
2014/10
- 26 -
 
pF
6
.
9
50
*
3
^
10
*
2
.
2
*
6
^
10
*
50
*
π
2
1
12
11
 C
C
nH
1056
6
^
10
*
50
*
π
2
50
*
3
^
10
*
2
.
2
12
11
 L
L
L13 and C13 should be large enough not to affect the impedance at IF output frequency. In some cases the
impedance matching can be optimized by L13 and C13.
For example, in the case of IF Output = 50MHz, Output Load Resistor (Rload) = 2.2k
 in 50 interface, it is
recommended to choose 2200nH and 1000pF as L13 and C13. If any correction is needed, it can be adjusted
by reducing the value of L13 and C13.
These calculated values are approximation. In some cases, some correction is needed due to the effect of
parasitic capacitance of external parts or/and PCBs. The impedance matching network components should be
decided through enough evaluation on AK1222.
Typical Performance using impedance matching network with LC is below. RF Input = 600MHz, IF Output =
50MHz, LO Input = 550MHz, Output Load Resistor (Rload) = 2.2k
, Vdd = 5V, Ta = 25C, LO Input Level =
0dBm.
Ref.
Value
Size
Part Number
RL1, RL2
1.1k
1005
KOA RK73K1ETP112
L11, L12
1000nH
2012
Murata LQW21HN1R0J00
C11, C12
10pF
1005
Murata GRM1552C1H100JA01
L13
2200nH
2012
Murata LQW21HN2R2J00
C13
150pF
1005
Murata GRM1552C1H151JA01


Similar Part No. - AK1222_17

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
900MHz Low Power Mixer
More results

Similar Description - AK1222_17

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2495 RFMD-RF2495 Datasheet
1Mb / 6P
900MHZ 3V LOW CURRENT LNA/MIXER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
900MHz Low Noise Mixer
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
900MHz Low Power Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
900MHz High Linearity Mixer
logo
RF Micro Devices
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
900MHz Low Noise Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
900Mhz High Linearity Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com