Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1222 Datasheet(PDF) 20 Page - Asahi Kasei Microsystems

Part # AK1222
Description  900Mhz low Power Mixer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1222 Datasheet(HTML) 20 Page - Asahi Kasei Microsystems

Back Button AK1222_17 Datasheet HTML 16Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 17Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 18Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 19Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 20Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 21Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 22Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 23Page - Asahi Kasei Microsystems AK1222_17 Datasheet HTML 24Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
[AK1222]
MS1314-E-02
2014/10
- 20 -
・IFOUT
Frequency [MHz]
R1 [k
]
C2 [pF]
L2 [nH]
L3 [nH]
30
2.2
3.9
1800
1800
50
2.2
2.0
1000
1000
60
2.2
0.5
1000
1000
80
2.2
N/A
680
680
100
2.2
N/A
470
470
1800nH :
Murata LQW21HN1R8J00L
1000nH :
Murata LQW21HN1R0J00L
680nH :
Murata LQW21HNR68J00L
470nH :
Murata LQW21HNR47J00L
BALUN:Mini-Circuits ADT4-6T+
IFOUTP
IFOUTN
AK1222
Output Load Resistor
RLoad
BALUN
(Powefeeding for Open-drain Output)
VSS
IF Output
100pF
10nF
VSS
C2
R1
L2
L3
VDD
Figure 16. IFOUT 30MHz example of impedance matching
Frequency [MHz]
R1 [k
]
C2 [pF]
L2 [nH]
L3 [nH]
30
2.2
3.9
1800
1800
Start 10MHz, Stop 140MHz
Marker 1
30MHz: 55.5
 -19.7
Marker 2
28MHz: 55.7
 -37.3
Marker 3
36MHz: 72.8
 38.4
-1
0
1
1
2
3


Similar Part No. - AK1222_17

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
900MHz Low Power Mixer
More results

Similar Description - AK1222_17

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2495 RFMD-RF2495 Datasheet
1Mb / 6P
900MHZ 3V LOW CURRENT LNA/MIXER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
900MHz Low Noise Mixer
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
900MHz Low Power Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
900MHz High Linearity Mixer
logo
RF Micro Devices
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
900MHz Low Noise Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
900Mhz High Linearity Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com