Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDTX144D Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # MMDTX144D
Description  NPN/PNP Silicon Epitaxial Planar Digital Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMDTX144D Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  MMDTX144D Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMDTX144D Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. MMDTX144D Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. MMDTX144D Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. MMDTX144D Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dated: 12/09/2016
Rev:01
®
SEMTECH ELECTRONICS LTD.
MMDTX144D
TR1 (NPN)
Output Current : IC (A)
Figure 1. DC Current Gain vs. Output Current
-VCE = 5 V
-VO = 0.3 V
IC/IB = 20/1
-VCC = 5 V
Output Current : IO (A)
Figure 2. Input Voltage vs. Output Current (ON)
Output Current : IC (A)
Figure 3. Output Voltage vs. Output Current
Input Voltage : VI(OFF) (V)
Figure 4. Output Current vs. Input Voltage (OFF)


Similar Part No. - MMDTX144D

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MMDTX237DW YFWDIODE-MMDTX237DW Datasheet
294Kb / 3P
NPN/PNP Silicon Epitaxial Planar Digital Transistor
MMDTX241DW YFWDIODE-MMDTX241DW Datasheet
663Kb / 4P
NPN/PNP Silicon Epitaxial Planar Digital Transistor
MMDTX3241DW YFWDIODE-MMDTX3241DW Datasheet
705Kb / 5P
NPN/PNP Silicon Epitaxial Planar Digital Transistor
logo
SEMTECH ELECTRONICS LTD...
MMDTXA4415DW SEMTECH_ELEC-MMDTXA4415DW Datasheet
424Kb / 4P
NPN/PNP Silicon Epitaxial Planar Dual Transistor
logo
DONGGUAN YOU FENG WEI E...
MMDTXA4415DW YFWDIODE-MMDTXA4415DW Datasheet
608Kb / 4P
NPN/PNP Silicon Epitaxial Planar Dual Transistor
More results

Similar Description - MMDTX144D

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MMDTX241DW YFWDIODE-MMDTX241DW Datasheet
663Kb / 4P
NPN/PNP Silicon Epitaxial Planar Digital Transistor
MMDTX237DW YFWDIODE-MMDTX237DW Datasheet
294Kb / 3P
NPN/PNP Silicon Epitaxial Planar Digital Transistor
MMDTX3241DW YFWDIODE-MMDTX3241DW Datasheet
705Kb / 5P
NPN/PNP Silicon Epitaxial Planar Digital Transistor
logo
SEMTECH ELECTRONICS LTD...
MMDTA115W SEMTECH_ELEC-MMDTA115W Datasheet
129Kb / 1P
PNP Silicon Epitaxial Planar Digital Transistor
MMDTA124W SEMTECH_ELEC-MMDTA124W Datasheet
129Kb / 1P
PNP Silicon Epitaxial Planar Digital Transistor
MMDT5110W SEMTECH_ELEC-MMDT5110W Datasheet
219Kb / 3P
PNP Silicon Epitaxial Planar Digital Transistor
logo
AUK corp
SUR481H AUK-SUR481H Datasheet
69Kb / 3P
NPN/PNP epitaxial planar Silicon Transistor
SUR491J AUK-SUR491J Datasheet
74Kb / 3P
NPN/PNP Epitaxial Planar Silicon Transistor
SUR511EF AUK-SUR511EF Datasheet
82Kb / 3P
NPN/PNP Epitaxial Planar Silicon Transistor
SUR551H AUK-SUR551H Datasheet
82Kb / 3P
NPN/PNP epitaxial planar Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com